Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC329D Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC329D
Description  1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC329D Datasheet(HTML) 1 Page - Texas Instruments

  CDC329D Datasheet HTML 1Page - Texas Instruments CDC329D Datasheet HTML 2Page - Texas Instruments CDC329D Datasheet HTML 3Page - Texas Instruments CDC329D Datasheet HTML 4Page - Texas Instruments CDC329D Datasheet HTML 5Page - Texas Instruments CDC329D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDC329
1-LINE TO 6-LINE CLOCK DRIVER
WITH SELECTABLE POLARITY
SCBS117A–D4501, JANUARY 1991–REVISED NOVEMBER 1992
Copyright
© 1992, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Low Output Skew for Clock-Distribution
and Clock-Generation Applications
• State-of-the-Art EPIC-ΙΙB ™ BiCMOS Design
Significantly Reduces Power Dissipation
• TTL-Compatible Inputs and
CMOS-Compatible Outputs
• Distributes One Clock Input to Six Clock
Outputs
• Polarity Control Selects True or
Complementary Outputs
• Distributed V
CC and GND Pins Reduce
Switching Noise
• High-Drive Outputs (–15-mA I
OH,
64-mA IOL)
• Packaged in Plastic Small-Outline Package
description
The CDC329 contains a clock driver circuit that distributes one input signal to six outputs with minimum skew
for clock distribution. Through the use of the polarity control inputs (T/C), various combinations of true and
complementary outputs can be obtained.
The CDC329 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
T/C
A
Y
L
L
L
L
HH
H
LH
H
H
L
logic symbol†
12
A
N1
15
N2
13
1Y1
16
1
1Y2
2
1
2Y1
3
2
N3
10
N4
9
2Y2
5
2
3Y
6
3
4Y
8
4
1T/C
2T/C
3T/C
4T/C
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1Y2
2Y1
GND
2Y2
3Y
GND
4Y
1Y1
1T/C
VCC
2T/C
A
VCC
3T/C
4T/C
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - CDC329D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC329A TI-CDC329A Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329A TI1-CDC329A Datasheet
299Kb / 10P
1Line to 6Line Clock Driver
CDC329A TI2-CDC329A Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
CDC329AD TI-CDC329AD Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329AD TI1-CDC329AD Datasheet
299Kb / 10P
1Line to 6Line Clock Driver
More results

Similar Description - CDC329D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC328A TI-CDC328A Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329A TI-CDC329A Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC391 TI-CDC391 Datasheet
107Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC392 TI-CDC392 Datasheet
130Kb / 1P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com