Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC561AI Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC561AI
Description  Wideband, Low Distortion DriveR-Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC561AI Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC561AI Datasheet HTML 1Page - National Semiconductor (TI) CLC561AI Datasheet HTML 2Page - National Semiconductor (TI) CLC561AI Datasheet HTML 3Page - National Semiconductor (TI) CLC561AI Datasheet HTML 4Page - National Semiconductor (TI) CLC561AI Datasheet HTML 5Page - National Semiconductor (TI) CLC561AI Datasheet HTML 6Page - National Semiconductor (TI) CLC561AI Datasheet HTML 7Page - National Semiconductor (TI) CLC561AI Datasheet HTML 8Page - National Semiconductor (TI) CLC561AI Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
s
150MHz bandwidth at +24dBm output
s
Low distortion (2nd/3rd:
-59/-62dBc @ 20MHz and 10dBm)
s
Output short circuit protection
s
-43dB feedthrough at 30MHz
s
User-definable output impedance,
gain, and compression
s
Internal current limiting
Applications
s
Output amplification
s
Arbitrary waveform generation
s
ATE systems
s
Cable/line driving
s
Function generators
s
SAW drivers
s
Flash A/D driving and testing
General Description
Comlinear CLC561
Wideband, Low Distortion DriveR-Amps
N
August 1996
Package Dimensions
Pinout
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
The CLC561 is constructed using thin film resistor/bipolar tran-
sistor technology, and is available in the following versions:
CLC561AI
-25°C to +85°C
24-pin
CLC561A8C -55°C to +85°C
24-pin plastic SOIC
Contact factory for other packages and DESC SMD number.
Not Intended For New Designs


Similar Part No. - CLC561AI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
CLC5612IM NSC-CLC5612IM Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
CLC5612IMX NSC-CLC5612IMX Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
CLC5612IN NSC-CLC5612IN Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
More results

Similar Description - CLC561AI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1134 MOTOROLA-MHW1134 Datasheet
66Kb / 4P
Low Distortion Wideband Amplifiers
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
Low Distortion Wideband Op Amp
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
Wideband, Low Distortion Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com