Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH0035C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DH0035C
Description  PIN Diode Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DH0035C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DH0035C Datasheet HTML 1Page - National Semiconductor (TI) DH0035C Datasheet HTML 2Page - National Semiconductor (TI) DH0035C Datasheet HTML 3Page - National Semiconductor (TI) DH0035C Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Applications (Continued)
Grounded Anode Design
TLK10124 – 4
Note
Anode Grounded PIN diode RM e 56X limits diode forward current to 100 mA Typical switching for
HP33622A RF turn-on 5 ns turn-off 4 ns C1 e 470 pF C2 e 01 mF RM e 0X
Alternate Current Limiting
TLK10124 – 5
R e
V
a
b
2
lf
or l
V
b l b 2
lf
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com