Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH0035CG Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DH0035CG
Description  PIN Diode Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DH0035CG Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DH0035CG Datasheet HTML 1Page - National Semiconductor (TI) DH0035CG Datasheet HTML 2Page - National Semiconductor (TI) DH0035CG Datasheet HTML 3Page - National Semiconductor (TI) DH0035CG Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
V
b
Supply Voltage Differential (Pin 5 to Pin 1 or 2)
40V
V
a
Supply Voltage Differential (Pin 1 or 2 to Pin 8 or 9) 30V
Input Current (Pin 3 or 7)
g
75 mA
Peak Output Current
g
10A
Power Dissipation (Note 3)
15W
Storage Temperature Range
b
65 Cto a150 C
Operating Temperature Range
DH0035
b
55 Cto a125 C
DH0035C
0 Cto a85 C
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics (Notes 1 and 2)
Parameter
Conditions
Limits
Units
Min
Typ
Max
Input Logic ‘‘1’’ Threshold
VOUT eb8V RL e 100X
10
20
V
Input Logic ‘‘0’’ Threshold
VOUT ea8V RL e 100X
04
06
V
Positive Output Swing
IOUT e 100 mA
70
a
80
V
Negative Output Swing
IOUT e 100 mA
b
80
b
70
V
Positive Short Circuit Current
VIN e 0V RL e 0X
400
800
mA
(Pulse Test Duty Cycle s 3%)
Negative Short Circuit Current
VIN e 15V IIN e 50 mA RL e 0X
800
1000
mA
(Pulse Test Duty Cycle s 3%)
Turn-On Delay
VIN e 15V VOUT eb3V
10
15
ns
Turn-Off Delay
VIN e 15V VOUT ea3V
15
30
ns
On Supply Current
VIN e 15V
45
60
mA
Note 1
Unless otherwise specified these specifications apply for V
a
e
100V V
b
eb
100V pin 5 grounded over the temperature range b55 Cto a125 C for
the DH0035 and 0 Cto a85 C for the DH0035C
Note 2
All typical values are for TA e 25 C
Note 3
Derate linearly at 10 mW C for ambient temperatures above 25 C
Typical Applications
Grounded Cathode Design
TLK10124 – 3
Note
Cathode grounded PIN diode Rp e 62X limits diode forward current to 100 mA Typical switching for
HP33604A RF turn-on 25 ns turn-off 5 ns C2 e 250 pF Rp e 0X C1 e 01F
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com