Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5485 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM5485
Description  4-Bit Magnitude Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM5485 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM5485 Datasheet HTML 1Page - National Semiconductor (TI) DM5485 Datasheet HTML 2Page - National Semiconductor (TI) DM5485 Datasheet HTML 3Page - National Semiconductor (TI) DM5485 Datasheet HTML 4Page - National Semiconductor (TI) DM5485 Datasheet HTML 5Page - National Semiconductor (TI) DM5485 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6530
June 1989
5485DM5485DM7485
4-Bit Magnitude Comparators
General Description
These 4-bit magnitude comparators perform comparison of
straight binary or BCD codes Three fully-decoded decisions
about two 4-bit words (A B) are made and are externally
available at three outputs These devices are fully expand-
able to any number of bits without external gates Words of
greater length may be compared by connecting compara-
tors in cascade The A l B A k B and A e B outputs of a
stage handling less-significant bits are connected to the cor-
responding inputs of the next stage handling more-signifi-
cant bits The stage handling the least-significant bits must
have a high-level voltage applied to the A e B input The
cascading paths are implemented with only a two-gate-level
delay to reduce overall comparison times for long words
Features
Y
Typical power dissipation 275 mW
Y
Typical delay (4-bit words) 23 ns
Y
Alternate MilitaryAerospace device (5485) is available
Contact a National Semiconductor Sales OfficeDistrib-
utor for specifications
Connection Diagram
Dual-In-Line Package
TLF6530 – 1
Order Number 5485DMQB 5485FMQB DM5485J DM5485W or DM7485N
See NS Package Number J16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM5485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5486 NSC-DM5486 Datasheet
99Kb / 6P
Quad 2-Input Exclusive-OR Gates
DM5486J NSC-DM5486J Datasheet
99Kb / 6P
Quad 2-Input Exclusive-OR Gates
DM5486W NSC-DM5486W Datasheet
99Kb / 6P
Quad 2-Input Exclusive-OR Gates
logo
List of Unclassifed Man...
DM5489 ETC1-DM5489 Datasheet
158Kb / 3P
64-BIT READ/WRITE MEMORIES
DM5489B ETC1-DM5489B Datasheet
158Kb / 3P
64-BIT READ/WRITE MEMORIES
More results

Similar Description - DM5485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS85 NSC-54LS85 Datasheet
155Kb / 8P
4-Bit Magnitude Comparators
logo
Texas Instruments
SN5485 TI-SN5485 Datasheet
322Kb / 8P
4-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
8-BIT MAGNITUDE COMPARATORS
logo
Hitachi Semiconductor
HD74LS85 HITACHI-HD74LS85 Datasheet
92Kb / 7P
4-bit Magnitude Comparators
logo
Texas Instruments
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
8-BIT MAGNITUDE COMPARATORS
SN74LS85NSR TI1-SN74LS85NSR Datasheet
658Kb / 10P
4-BIT MAGNITUDE COMPARATORS
54LS85 TI1-54LS85 Datasheet
405Kb / 10P
4-Bit Magnitude Comparators
SN5485 TI1-SN5485_12 Datasheet
658Kb / 10P
4-BIT MAGNITUDE COMPARATORS
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com