Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5485J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM5485J
Description  4-Bit Magnitude Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM5485J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM5485J Datasheet HTML 1Page - National Semiconductor (TI) DM5485J Datasheet HTML 2Page - National Semiconductor (TI) DM5485J Datasheet HTML 3Page - National Semiconductor (TI) DM5485J Datasheet HTML 4Page - National Semiconductor (TI) DM5485J Datasheet HTML 5Page - National Semiconductor (TI) DM5485J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From
To
Number of
RL e 400X
Symbol
Parameter
Input
Output
Gate Levels
CL e 15 pF
Units
Min
Max
tPLH
Propagation Delay Time
Any A or B
A k B
326
Low-to-High Level Output
Data Input
A l B
ns
A e B4
35
tPHL
Propagation Delay Time
Any A or B
A k B
330
High-to-Low Level Output
Data Input
A l B
ns
A e B4
30
tPLH
Propagation Delay Time
A k B
A l B
1
11
ns
Low-to-High Level Output
or A e B
tPHL
Propagation Delay Time
A k B
A l B
1
17
ns
High-to-Low Level Output
or A e B
tPLH
Propagation Delay Time
A eBA e B
2
20
ns
Low-to-High Level Output
tPHL
Propagation Delay Time
A e BA e B
2
17
ns
High-to-Low Level Output
tPLH
Propagation Delay Time
A l B
A k B
1
11
ns
Low-to-High Level Output
or A e B
tPHL
Propagation Delay Time
A l B
A k B
1
17
ns
High-to-Low Level Output
or A e B
Function Table
Comparing
Cascading
Outputs
Inputs
Inputs
A3 B3
A2 B2
A1 B1
A0 B0
A l BA k BA e BA l BA k BA e B
A3 l B3
X
X
X
X
X
X
H
L
L
A3 k B3
X
X
X
X
X
X
L
H
L
A3 e B3
A2 l B2
X
X
X
X
X
H
L
L
A3 e B3
A2 k B2
X
X
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 l B1
X
X
X
X
H
L
L
A3 e B3
A2 e B2
A1 k B1
X
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 l B0
X
X
X
H
L
L
A3 e B3
A2 e B2
A1 e B1
A0 k B0
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
H
L
L
H
L
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
L
H
L
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
L
LHL
LH
A3 e B3
A2 e B2
A1 e B1
A0 e B0
X
X
HL
LH
A3 e B3
A2 e B2
A1 e B1
A0 e B0
H
H
LL
LL
A3 e B3
A2 e B2
A1 e B1
A0 e B0
L
L
LH
HL
H e High Level L e Low Level X e Don’t Care
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com