Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OLM-034C Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OLM-034C
Description  Luftgek체hlte LED Strahlungsquelle
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLM-034C Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OLM-034C Datasheet HTML 1Page - OSA Opto Light GmbH OLM-034C Datasheet HTML 2Page - OSA Opto Light GmbH OLM-034C Datasheet HTML 3Page - OSA Opto Light GmbH OLM-034C Datasheet HTML 4Page - OSA Opto Light GmbH OLM-034C Datasheet HTML 5Page - OSA Opto Light GmbH OLM-034C Datasheet HTML 6Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
edition 2017/05
© 2017/05
OSA Opto Light GmbH · Phone +49-(0)30-65762683 · contact@osa-opto.com
Beschreibung
Description
Das System umfasst die folgenden Komponenten
LED Modul OLM-034C
LED Steuerung OEM-006 SY
Verbindungskabel LED-Modul / Steuerung
48 V DC Tischnetzteil
Typ: MeanWell GS120-A48-R7B oder
MeanWell GSM120-A48-R7B
Netzkabel (VDE) für 230V
The System contains the following parts
LED module OLM-034C
LED Controller OEM-006 SY
Cable LED module / controller
48 V DC power supply
Type: MeanWell GS120-A48-R7B or
MeanWell GSM120-A48-R7B
230 V power cable (VDE)
LED Modul OLM-034C
LED module OLM-034C
Kühlkörper (Aluminium)
48 V- Lüfter
Größe 100 x 90 x 80 mm
Lichtemittierende Fläche 11,5 x 23,5 mm
LED- Zahl max. 36 (Matrix 6 x 6)
LED- Zahl 9-36 auf Anfrage
Gewicht 400 g
Frontseite Quarzglas
Heat sink (aluminium)
48 V- fan
size 100 x 90 x 80 mm
light emitting area 11,5 x 23,5mm
LED number max. 36 (6 x 6)
LED- number between 9 and 36 upon request
weight 400 g
front side quartz glass
Type
Peak wavelength
Typical power density
Max LED current DC
Forward Voltage
[nm]
3)
[mW/cm²]
1)
[A]
[V]
2)
OLM-034C-XX-265
260 – 270
21
2.1
42
OLM-034C-XX-285
280 – 290
53
2.1
34
OLM-034C-XX-300
295 – 305
53
2.1
34
1)
1)
1)
1)
Measured @ 350 mA/chip, 25°C ambient temperature and in contact to emitting window, Power density
decreases with increasing temperature
2)
2)
2)
2)
Typical value @ 350 mA, 25 °C chip temperature
3)
3)
3)
3)
Measured @ 350 mA, 25 °C chip temperature
View angle
Temperature de-rating
Das LED Modul enthält einen PT-1000 Temperatursensor. In
Verbindung mit der Steuerung OEM-006 SY wird das Modul
bei einer Temperatur von 55°C abgeschaltet und ist somit vor
Übertemperatur geschützt
The LED Module contains a PT 1000 thermal resistor. In
combination with the constant current supply OEM-006 SY
the module is switched off at 55°C and therefore protected
against over temperature
0
100
200
300
400
0
20
40
60
board temperature [
board temperature [
board temperature [
board temperature [°°°°C]
C]
C]
C]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com