Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL80 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SSL80
Description  Horticultural Lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SSL80 Datasheet(HTML) 1 Page - OSRAM GmbH

  SSL80 Datasheet HTML 1Page - OSRAM GmbH SSL80 Datasheet HTML 2Page - OSRAM GmbH SSL80 Datasheet HTML 3Page - OSRAM GmbH SSL80 Datasheet HTML 4Page - OSRAM GmbH SSL80 Datasheet HTML 5Page - OSRAM GmbH SSL80 Datasheet HTML 6Page - OSRAM GmbH SSL80 Datasheet HTML 7Page - OSRAM GmbH SSL80 Datasheet HTML 8Page - OSRAM GmbH SSL80 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-01-12
1
2017-01-12
OSLON
® SSL 80
Datasheet
Version 1.1
GD CS8PM1.14
New, higher performing OSLON SSL family LED with
well known superior robustness, high reliability, long
lifetime, low thermal resistance. Perfectly addressing
applications demanding for high efficiency and long
lifetime requirement.
Neue leistungsstärkere LED aus der OSLON SSL
Familie mit altbekannter hoher Robustheit und
Zuverlässigkeit, mit langer Lebensdauer und geringem
thermischem Widerstand. Speziell entwickelt für
Applikationen, bei denen hohe Effizient und lange
Lebensdauer gefragt ist.
Features:
Besondere Merkmale:
Package: SMT ceramic package with silicone resin
and silicone lens
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
Viewing angle at 50 % I
V: 80°
Abstrahlwinkel bei 50 % I
V: 80°
Color: 451 nm (deep blue)
Farbe: 451 nm (deep blue)
Radiant Flux: typ. 690 mW
Strahlungsfluss: typ. 690 mW
Radiant Efficiency: typ. 69 %
Lichtausbeute: typ. 69 %
Corrosion Robustness: Superior Corrosion
Robustness
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Lumen Maintenance: Test results according to
IESNA LM-80 available
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
Horticultural Lighting
Gewächshausbeleuchtung
Accent and effect lighting
Akzent- und Effektbeleuchtung
Architectural lighting
Architekturbeleuchtung
Shop lighting
Ladenbeleuchtung
Stage lighting
Bühnenbeleuchtung
Photosynthetic Photon Flux: typ. 2.57μmol/s
Photosynthetisch wirksamer Photonenstrom
:
typ. 2.57μmol/s


Similar Part No. - SSL80

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SSL8.0A SS-SSL8.0A Datasheet
162Kb / 3P
200 Watt, Uni-Directional TVS Diode
Rev 1.0 02/12/24
SSL8.5A SS-SSL8.5A Datasheet
162Kb / 3P
200 Watt, Uni-Directional TVS Diode
Rev 1.0 02/12/24
logo
NXP Semiconductors
SSL8516BT PHILIPS-SSL8516BT Datasheet
329Kb / 35P
Greenchip PFC and flyback controller
Rev. 1-26 May 2015
SSL8516T NXP-SSL8516T Datasheet
306Kb / 33P
Greenchip PFC and flyback controller
Rev. 1-5 May 2014
More results

Similar Description - SSL80

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
General Lighting
logo
LUMEX INC.
SSP-LB24SR24K10 LUMEX-SSP-LB24SR24K10 Datasheet
1Mb / 2P
SunBrite??Agricultural and Horticultural LED Lightbars
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-54 FSP-FSP075-NZMVH-54 Datasheet
123Kb / 1P
LED Lighting
FSP80-ZZAE210VG FSP-FSP80-ZZAE210VG Datasheet
124Kb / 1P
LED Lighting
FSP100-NZMCH-1050 FSP-FSP100-NZMCH-1050 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
LED Lighting
logo
OSRAM GmbH
GDCSSPM1.14 OSRAM-GDCSSPM1.14 Datasheet
2Mb / 22P
Horticultural Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com