Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM1.PC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # GWCSSRM1.PC
Description  Industrial lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM1.PC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button GWCSSRM1.PC Datasheet HTML 3Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 4Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 5Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 6Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 7Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 8Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 9Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 10Page - OSRAM GmbH GWCSSRM1.PC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.6(not for new design)
GW CSSRM1.PC
2017-10-26
7
Color Chromaticity Groups 6) page 25
Farbortgruppen 6) Seite 25
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5C
0.3055
0.3177
7I
0.3456
0.3601
5P
0.3975
0.3731
0.3068
0.3113
0.3464
0.3688
0.4006
0.3815
0.3108
0.3229
0.3539
0.3669
0.4061
0.3773
0.3119
0.3162
0.3551
0.3760
0.4095
0.3858
6C
0.3041
0.3240
5J
0.3512
0.3465
6P
0.4006
0.3815
0.3055
0.3177
0.3524
0.3555
0.4036
0.3898
0.3098
0.3296
0.3591
0.3522
0.4095
0.3858
0.3108
0.3229
0.3608
0.3616
0.4130
0.3944
7C
0.3028
0.3304
6J
0.3524
0.3555
7P
0.4036
0.3898
0.3041
0.3240
0.3536
0.3646
0.4067
0.3982
0.3087
0.3363
0.3608
0.3616
0.4130
0.3944
0.3098
0.3296
0.3625
0.3711
0.4164
0.4029
5D
0.3108
0.3229
7J
0.3536
0.3646
8P
0.4067
0.3982
0.3119
0.3162
0.3548
0.3736
0.4097
0.4065
0.3162
0.3282
0.3625
0.3711
0.4164
0.4029
0.3170
0.3212
0.3642
0.3805
0.4198
0.4115
6D
0.3098
0.3296
5K
0.3591
0.3522
5Q
0.4061
0.3773
0.3108
0.3229
0.3608
0.3616
0.4095
0.3858
0.3154
0.3352
0.3670
0.3578
0.4147
0.3814
0.3162
0.3282
0.3692
0.3677
0.4185
0.3902
7D
0.3087
0.3363
6K
0.3608
0.3616
6Q
0.4095
0.3858
0.3098
0.3296
0.3625
0.3711
0.4130
0.3944
0.3146
0.3422
0.3692
0.3677
0.4185
0.3902
0.3154
0.3352
0.3714
0.3775
0.4223
0.3990
5E
0.3162
0.3282
7K
0.3625
0.3711
7Q
0.4130
0.3944
0.3170
0.3212
0.3642
0.3805
0.4164
0.4029
0.3216
0.3334
0.3714
0.3775
0.4223
0.3990
0.3221
0.3262
0.3736
0.3874
0.4261
0.4077



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com