Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAGMB3.DM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWKAGMB3.DM
Description  Indoor General Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGMB3.DM Datasheet(HTML) 4 Page - OSRAM GmbH

  GWKAGMB3.DM Datasheet HTML 1Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 2Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 3Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 4Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 5Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 6Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 7Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 8Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2016-05-06
4
Version 1.0
GW KAGMB3.DM
Characteristics (TS = 85 °C; IF = 700 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
2) page 17
Durchlassspannung
2) Seite 17
(min.)
(typ.)
(max.)
VF
VF
VF
V
V
V
Color rendering index 3) page 17
Farbwiedergabe Index 3) Seite 17
(3250K)
(min.)
Ra
85
-
Real thermal resistance junction / solder point
4) page 17
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 17
(typ.)
(max.)
R
th JS real
Rth JS real
0.63
0.75
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 17
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
4) Seite 17
(with efficiency ηe = 39 %)
(typ.)
(max.)
Rth JS el
R
th JS el
0.4
0.5
K/W
K/W
33
34.7
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com