Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG10
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
+0.2
–0.1
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
29
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
1.2±0.05
5.2±0.2
Cathode Mark
Ultra-Fast-Recovery Rectifier Diodes 400V
S type
R type
S type
R type
t rr
: IF/IR (=IF)
90% Recovery Point
(ex. IF/IR =100mA/100mA 90% Recovery Point)
t rr
: IF/IR (=2 IF) 75% Recovery Point
(ex. IF/IR =100mA/200mA 75% Recovery Point)
1
2
Package
Part Number
VRM
(V)
IF (AV)
(A)
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IF/IFP
(mA)
IR
(
µA)
IR (H)
(mA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
IF/IFP
(mA)
Frame-2Pin
Center-tap
Axial
400
1.0
0.7
0.7
0.8
1.0
1.2
1.2
1.5
2.0
3.0
3.5
1.0 (3.0)
5.0
5.0
5.0
5.0
5.0
8.0
10.0
16.0
20.0
SFPL-64
AG01
EG01
EG 1
AL01
RG 10
RG 2
EL 1
RL 2
RL 31
RL 3
RG 4
FML-G14S
FMN-G14S
FMX-G14S
FMG-14S, R
FML-14S
FMG-24S, R
FML-24S
FMG-34S, R
FML-34S
1.0
0.7
0.7
0.8
1.0
1.5
1.5
1.5
2.0
3.0
3.5
3.0
5.0
5.0
5.0
2.5
2.5
5.0
5.0
10.0
10.0
10
100
50
50
10
500
500
10
10
50
100
500
100
50
50
500
50
500
100
1000
200
20
22
20
17
22
15
12
17
12
10
10
8
4.0
4.0
4.0
4.0
4.0
4.0
4.0
2.0
2.0
81
64
65
79
66
68
66
68
79
69
70
72
—
75
76
75
76
77
78
0.07
0.13
0.2
0.3
0.13
0.4
0.6
0.3
0.6
1.0
1.0
1.2
2.1
2.1
2.1
2.1
2.1
2.1
2.1
5.5
5.5
25
15
15
15
20
50
50
40
40
70
80
80
70
70
70
35
40
65
70
100
100
0.05
0.5
0.3
0.3
0.5
2.5
2.5
0.05
0.1
0.1
0.2
2.5
0.2
10
15
1.5
0.1
2.5
0.2
5
0.4
150
100
100
100
150 (Tj)
100
100
100
150 (Tj)
150 (Tj)
150 (Tj)
100
100
150 (Tj)
150
100
100
100
100
100
100
50
100
100
100
50
100
100
100
50
50
50
100
50
100
30
100
50
100
50
100
50
30
50
50
50
35
50
50
50
35
35
35
50
35
50
25
50
35
50
35
50
35
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
500/500
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
500/1000
1.3
1.8
2.0
1.8
1.4
1.8
1.8
1.3
1.3
1.3
1.3
1.8
1.3
1.0
1.3
2.0
1.3
2.0
1.3
2.0
1.3
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
*
: Under development
*
*
*
Rth (j- )
Rth (j-c)
(
°C/W)
trr
(ns)
1
trr
(ns)
2
Fig.
No.
4.5±0.2
2.0min
1.35±0.4
1.35±0.4
5.1
1.1±0.2
1.5±0.2
+0.4
–0.1
Surface Mount
Center-tap


Similar Part No. - RG10

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG10 SANKEN-RG10 Datasheet
25Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Gulf Semiconductor
RG10 GULFSEMI-RG10 Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?1.5A
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Sanken electric
RG10 SANKEN-RG10 Datasheet
184Kb / 4P
Silicon Diode
More results

Similar Description - RG10

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com