Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # FPD1
Description  Computer terminals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

FPD1 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  FPD1 Datasheet HTML 1Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 2Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 3Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 4Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 5Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 6Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUTTRANSISTOR
Collector-emitter Voltage BV
CEO
35V
Emitter-collector Voltage BV
ECO
6V
Collector Current
80mA
Power Dissipation
150mW
POWERDISSIPATION
Total Power Dissipation
170mW
(derate linearly 2.26mW/°C above 25°C)
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.4
V
I
F = 20mA
Reverse Current (I
R)
10
µA
V
R = 4V
Output
Collector-emitter Breakdown (BV
CEO)
35
V
I
C = 0.1mA
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 10uA
Collector-emitter Dark Current (I
CEO)
1
uA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR)
600
7500
%
1mA I
F , 2V VCE
Collector-emitterSaturationVoltageV
CE (SAT)
1
V
20mA I
F , 5mA IC
Input to Output Isolation Voltage V
ISO
3750
V
RMS
See note 1
5300
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Rise Time
tr
60
300
µs
V
CE = 2V ,
Output Fall Time
tf
53
250
µs
I
C = 10mA, RL = 100Ω
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
3/2/04
DB92860l-AAS/A7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com