Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBEILP41.32 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # KRTBEILP41.32
Description  Indoor Video Walls
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBEILP41.32 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button KRTBEILP41.32 Datasheet HTML 19Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 20Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 21Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 22Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 23Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 24Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 25Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 26Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
KRTB EILP41.32
2017-11-14
23
Reflow-Lötprofil
Reflow Soldering Profile
Product complies to MSL Level 4 acc. to JEDEC J-STD-020D.01
Anm.: Das Gehäuse ist nicht für nasschemische Reinigung geeignet.
Note: Package not suitable for wetcleaning.
Profile Feature
Pb-Free (SnAgCu) Assembly
Recommendation
Max. Ratings
Ramp-up Rate to Preheat*
)
25°C to 150°C
2°C / sec
3°C / sec
Time t
s from TSmin to TSmax
(150°C to 200°C
100s
min. 60sec max. 120sec
Ramp-up Rate to Peak*
)
T
Smax to TP
2°C / sec
3°C / sec
Liquidus Temperture T
L
217°C
Time t
L above TL
80sec
max. 100sec
Peak Temperature T
P
245°C
max. 260°C
Time t
P within 5°C of the specified
peak temperature T
P - 5K
20sec
min. 10sec max. 30sec
Ramp-down Rate*
T
P to 100°C
3°K / sec
6°K / sec maximum
Time 25°C to Peak temperature
max. 8 min.
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com