Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M5295AFP
Description  WATCHDOG TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5295AFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M5295AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5295AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5295AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5295AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5295AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5295AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5295AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5295AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M5295AL/P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
WATCHDOG TIMER
6
8
5
4
6
7
3
2
1
8
5
4
6
7
3
2
1
M5295AL
M5295AL
VDD
MCU/MPU
CLOCK
RST1
(RESET)
RST2
(HOLD)
Example of Backup Circuit with M5295AL
(2)Detection voltage 2(VTH2(L))adjustment
+
-
51.2k
18.8k
1.24V
4
7
6
5
R3
R4
RL
APPLICATION EXAMPLE
OPERATION INSTRUCTIONS
1.When malfunction occurs due to noise or other related
trouble,connect capacitance of approximately 1000pF
between pin 5 and GND as well as pin 8 and GND to
stabilize operation.
2.To adjust detection voltage,add resistance of 15k
Ω
or less to both Vcc and GND via adjusting pins.
(Set detection voltage to no less than 3V.)
3.Set tWD and tRST(2) as shown below:
110µs
≤tWD≤1.1s
8.3µs
≤tRST(2)≤83ms
10k
Ω≤R1≤30kΩ
4.Input clock pulses to pin 1 via capacitor.To determine
capacitance,refer to "Relationship between Input Pulse
Width and Input Capacitance Cin".
RESET
OUTPUT
R3
Backup switching voltage
VTH(L)
Switching voltage calculation formula
R4
10K
Ω
3.5V
BACKUP POWER SUPPLY
Vcc
R3(k
Ω) R4(kΩ)
Detection voltage calculation formula
10
10
10
10
10.61
8.38
0.93
1.26
1.99
3.24
5
5
16.3
16.3
16.3
16.3
17.2
14.1
VTH2(L)=
R04
R03+R04
X1.24(V)
R03=R3//51.2k
Ω
R04=R4//18.8k
Ω
VTH2(L)(V)
13
10
7
5
4.6
4
3.5
∆VTH2(mV)
100
∆VTH2=
51.2k
R03
X100(mV)
To adjust detection voltage 2,determine external resistance
with the following equations:
a. VTH2(L)>4.6V(R3=10k
Ω)
b. VTH2(L)<4.6V(R4=5k
Ω)
R4=
R0
1
-
18.8k
1
1
R3=
R0
1
-
51.2k
1
1
R0=
VTH2(L)-1.24
8.37kX1.24
R0=
1.24
(VTH2(L)-1.24)3.95k
VTH2(L)=
R04
R03+R04
X1.24
R03=R3//51.2k
R04=R4//18.8k
(Note)Set backup switching voltage to be more
than or equal to backup supply voltage.
TO SYSTEM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com