Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL34B Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SSL34B
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SSL34B Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SSL34B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SSL34B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-S407
Rev. 1.0, 11-May-15
SSL34B THRU SSL310B
肖特基二极管 Schottky Rectifier
■特征 Features
■外形尺寸
Outline Dimensions and Mark
●
Io
3.0A
●
VRRM
40V~100V
●
低正向电压,低功耗
Low VF,Low power loss
●
耐正向浪涌电流能力高
High surge forward current capability
■
用途 Applications
●
整流用
Rectifier
■
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
SSL3
4B
6B
10B
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
40
60
100
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
3.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
60
存储温度
Storage Temperature
Tstg
℃
-55 ~+150
结温
Junction Temperature
Tj
℃
-55 ~+150
■
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
SSL3
4B
6B
10B
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=3.0A
0.45
0.5
0.6
反向峰值电流
Peak Reverse Current
IRRM
mA
VRM=VRRM , Ta=25℃
0.5
热阻
Thermal Resistance
RθJ-L
℃/W
结和引线之间
Between junction and lead
17
D im en sions in inch es a nd (m illim e te rs)
DO-214AA(SMB)
.187(4.75)
.167(4.25)
.155(3 .94)
.130(3 .30)
.085 (2 .15)
.073 (1 .85)
.103(2.61)
.078(1.99)
.056(1.41)
.035(0.90)
.008(0.20)
.004(0.10)
.012(0.31)
.006(0.15)
0.081(2.072)
0 .228
(5 .80)
M ounting P ad Layout
0.069
(1 .76)
0.107
(2 .72)
.220(5.59 )
.205(5.21 )
COMPLIANT
RoHS


Similar Part No. - SSL34B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SSL34BF YFWDIODE-SSL34BF Datasheet
163Kb / 3P
Surface Mount Schottky Barrier Rectifier
SSL34BF YFWDIODE-SSL34BF Datasheet
394Kb / 3P
Surface Mount Schottky Barrier Rectifier
SSL34BF-LOW3A40V YFWDIODE-SSL34BF-LOW3A40V Datasheet
509Kb / 3P
Surface Mount Schottky Barrier Rectifier
SSL34BF-SMBF YFWDIODE-SSL34BF-SMBF Datasheet
459Kb / 3P
Surface Mount Schottky Barrier Rectifier
SSL34BF YFWDIODE-SSL34BF_V01 Datasheet
394Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL34B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com