Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2236 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2236
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2236 Datasheet HTML 9Page - Texas Instruments TPS2236 Datasheet HTML 10Page - Texas Instruments TPS2236 Datasheet HTML 11Page - Texas Instruments TPS2236 Datasheet HTML 12Page - Texas Instruments TPS2236 Datasheet HTML 13Page - Texas Instruments TPS2236 Datasheet HTML 14Page - Texas Instruments TPS2236 Datasheet HTML 15Page - Texas Instruments TPS2236 Datasheet HTML 16Page - Texas Instruments TPS2236 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
IO(3.3VOUT/AUXOUT)
VIN
VIN
LOAD CIRCUIT
LOAD CIRCUIT
50%
10%
VOLTAGE WAVEFORMS
10%
90%
CL
IO(1.5VOUT)
CL
tpd(off)
tpd(on)
VIN
VO(3.3VOUT/AUXOUT)
VI(3.3V/AUXIN)
GND
VI(3.3V)
GND
50%
10%
90%
tpd(off)
tpd(on)
VIN
VO(1.5VOUT)
VI(1.5V)
GND
VI(1.5V)
GND
90%
Propagation Delay (1.5VOUT)
Propagation Delay (3.3VOUT/AUXOUT)
tr
tf
VO(3.3VOUT/AUXOUT)
VI(3.3V)
GND
10%
90%
tr
tf
VO(1.5VOUT)
GND
VI(1.5V)
Rise/Fall Time (1.5VOUT)
Rise/Fall Time (3.3VOUT/AUXOUT)
50%
10%
toff
ton
VIN
VO(3.3VOUT/AUXOUT)
VI(3.3V)
GND
VI(3.3V)
GND
90%
50%
10%
toff
ton
VIN
VO(1.5VOUT)
VI(1.5V)
GND
VI(1.5V)
GND
90%
Turn On/Off Time (1.5VOUT)
Turn On/Off Time (3.3VOUT/AUXOUT)
RL
RL
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
Figure 1. Test Circuits and Voltage Waveforms
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com