Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30120-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30120-R1A
Description  MIMO Antenna ??Dual-band Wi-Fi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30120-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30120-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30120-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
March 10, 2016
Page | 1
WPANT30120
MIMO Antenna – Dual-band Wi-Fi
WPANT30120-R1A
36’’ long cables with RP-SMA Female
(Two connectors)
Note: Different cable and connector style requests can be accommodated.
Application
This is a high gain MIMO Omni-directional antenna. It comes with mounting brackets for installation.
We specialize in developing customized Antenna solutions. Please contact sales@worldproducts.com with your requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
5.15 – 5.85 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
6 dBi
6 dBi
Polarization
Vertical
Vertical
Accepted Power [W] (Max)
10 Watts
Mechanical / Environmental Properties
Antenna Dimensions
7.0’’ Height x 5.9’’ dia
(178mm x 150mm)
Antenna Color
White
Antenna Radome
ABS
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30120-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30121 WPI-WPANT30121 Datasheet
340Kb / 6P
MIMO Panel Antenna ??Dual-band Wi-Fi
WPANT30121-R1A WPI-WPANT30121-R1A Datasheet
340Kb / 6P
MIMO Panel Antenna ??Dual-band Wi-Fi
WPANT30124 WPI-WPANT30124 Datasheet
88Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30124-R1A WPI-WPANT30124-R1A Datasheet
88Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30125 WPI-WPANT30125 Datasheet
90Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
More results

Similar Description - WPANT30120-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10004-SB WPI-WPANT10004-SB Datasheet
239Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10005-SB WPI-WPANT10005-SB Datasheet
251Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10057 WPI-WPANT10057 Datasheet
82Kb / 2P
Dual-band Wi-Fi / BT MIMO Antenna
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT30121 WPI-WPANT30121 Datasheet
340Kb / 6P
MIMO Panel Antenna ??Dual-band Wi-Fi
logo
TE Connectivity Ltd
2108802-1 TEC-2108802-1 Datasheet
2Mb / 10P
Wi-Fi 3X3 MIMO DUAL BAND ANTENNA ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com