Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30125-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30125-R1A
Description  2.4 GHz Wi-Fi Stubby Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30125-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30125-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30125-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
May 05, 2016
Page | 1
WPANT30125
2.4 GHz Wi-Fi Stubby Antenna
WPANT30125-R1A
Right Angle Reverse Polarity SMA Male
Note: Different connector style requests can be accommodated.
Application
Stubby antenna with Omni-directional coverage.
We specialize in developing customized Antenna solutions. Please contact sales@worldproducts.com with your requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR (Typical)
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
Polarization
Linear (Vertical)
Pattern
Omni-directional
Mechanical / Environmental Properties
Antenna Dimensions
3.94’’ Height
(100mm)
Antenna Color
Black
Antenna Radome
Plastic
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30125-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30120 WPI-WPANT30120 Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
WPANT30120-R1A WPI-WPANT30120-R1A Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
WPANT30121 WPI-WPANT30121 Datasheet
340Kb / 6P
MIMO Panel Antenna ??Dual-band Wi-Fi
WPANT30121-R1A WPI-WPANT30121-R1A Datasheet
340Kb / 6P
MIMO Panel Antenna ??Dual-band Wi-Fi
WPANT30124 WPI-WPANT30124 Datasheet
88Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
More results

Similar Description - WPANT30125-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANTDP053 WPI-WPANTDP053 Datasheet
135Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30124 WPI-WPANT30124 Datasheet
88Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30126 WPI-WPANT30126 Datasheet
82Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com