Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6473048 Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HD6473048
Description  Hitachi Single-Chip Microcomputer
PDF  867 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD6473048 Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HD6473048 Datasheet HTML 17Page - Hitachi Semiconductor HD6473048 Datasheet HTML 18Page - Hitachi Semiconductor HD6473048 Datasheet HTML 19Page - Hitachi Semiconductor HD6473048 Datasheet HTML 20Page - Hitachi Semiconductor HD6473048 Datasheet HTML 21Page - Hitachi Semiconductor HD6473048 Datasheet HTML 22Page - Hitachi Semiconductor HD6473048 Datasheet HTML 23Page - Hitachi Semiconductor HD6473048 Datasheet HTML 24Page - Hitachi Semiconductor HD6473048 Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 867 page
background image
1.3 Pin Description
1.3.1 Pin Arrangement
Figure 1-2 shows the pin arrangement of the H8/3048 Series.
Figure 1-2 Pin Arrangement (FP-100B or TFP-100B, Top View)
V
TIOCA /TP /PB
TIOCB /TP /PB
TIOCA /TP /PB
TIOCB /TP /PB
TOCXA /TP /PB
TOCXB /TP /PB
CS7/DREQ /TP /PB
ADTRG/DREQ /TP /PB
V
/RESO
V
TxD /P9
TxD /P9
RxD /P9
RxD /P9
IRQ /SCK /P9
IRQ /SCK /P9
D /P4
D /P4
D /P4
D /P4
V
D /P4
D /P4
D /P4
MD
MD
MD
P6 /LWR
P6 /HWR
P6 /RD
P6 /AS
V
XTAL
EXTAL
V
NMI
RES
STBY
ø
P6 /BACK
P6 /BREQ
P6 /WAIT
V
P5 /A
P5 /A
P5 /A
P5 /A
P2 /A
P2 /A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CC
0
1
2
3
4
5
6
7
SS
0
1
2
3
4
5
0
1
2
3
SS
4
5
6
8
9
10
11
12
13
14
15
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
4
5
2
1
0
2
1
0
3
2
1
0
7
6
Top view
(FP-100B, TFP-100B)
6
5
4
3
CC
SS
SS
19
18
17
16
15
14
3
3
4
4
4
4
PP *
Note: * V
function is provided only for the flash memory version.
PP
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com