Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2236DAPR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2236DAPR
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2236DAPR Datasheet HTML 2Page - Texas Instruments TPS2236DAPR Datasheet HTML 3Page - Texas Instruments TPS2236DAPR Datasheet HTML 4Page - Texas Instruments TPS2236DAPR Datasheet HTML 5Page - Texas Instruments TPS2236DAPR Datasheet HTML 6Page - Texas Instruments TPS2236DAPR Datasheet HTML 7Page - Texas Instruments TPS2236DAPR Datasheet HTML 8Page - Texas Instruments TPS2236DAPR Datasheet HTML 9Page - Texas Instruments TPS2236DAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
NC
SYSRST
SHDN
STBY
3.3VIN
3.3VIN
3.3VOUT
3.3VOUT
PERST
NC
GND
NC
NC
OC
RCLKEN
AUXIN
AUXOUT
1.5VIN
1.5VIN
1.5VOUT
1.5VOUT
CPPE
CPUSB
NC
TPS2231
PWP PACKAGE
(TOP VIEW)
NC - No internal connection
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SYSRST
SHDN
STBY
3.3VIN
3.3VIN
3.3VOUT
3.3VOUT
PERST
NC
GND
OC
RCLKEN
AUXIN
AUXOUT
1.5VIN
1.5VIN
1.5VOUT
1.5VOUT
CPPE
CPUSB
TPS2231
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
CPPE1
CPPE2
CPUSB1
NC
NC
CPUSB2
3.3VOUT1
3.3VIN
3.3VIN
3.3VOUT2
PERST2
NC
PERST1
AUXOUT1
AUXIN
AUXOUT2
RCLKEN1
RCLKEN2
SYSRST
NC
STBY1
STBY2
1.5VOUT1
1.5VIN
1.5VIN
1.5VOUT2
NC
GND
OC2
OC1
SHDN2
SHDN1
TPS2236
DAP PACKAGE
(TOP VIEW)
TPS2231
RGP PACKAGE
(TOP VIEW)
NC
NC
3.3VIN
3.3VOUT
1.5VIN
AUXOUT
NC
NC
1.5VOUT
STBY
1
2
3
4
5
15
14
13
12
11
6
7
8
9
10
16
17
18
19
20
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
SWITCHING CHARACTERISTICS (continued)
T
J = 25°C, VI(3.3VIN) = VI(AUXIN) = 3.3 V, VI(1.5VIN) = 1.5 V, VI(/SHDNx), VI(/STBYx) = 3.3 V, VI(/CPPEx) = VI(/CPUSBx) = 0 V,
V
I(/SYSRST) = 3.3 V, OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 0.1 µF, IO(3.3VOUT) = 0 A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT) = 0.1 µF, IO(AUXOUT) = 0 A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 0.1 µF, IO(1.5VOUT) = 0 A
0.1
1.5
Turn-off propagation
tpd(off)
ms
delay
3.3VIN to 3.3VOUT
CL(3.3VOUT) = 100 µF, RL = VI(3.3VIN)/1 A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT) = 100 µF, RL = VI(AUXIN)/0.250 A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT) = 100 µF, RL = VI(1.5VIN)/0.500 A
0.1
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com