Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU-40 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # EU-40
Description  Laser diode driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

EU-40 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  EU-40 Datasheet HTML 1Page - Roithner LaserTechnik GmbH EU-40 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
EU-40
• Laser diode driver
• For blue and green laser diodes
• ACC
• up to 200 mA
• 3 VDC
Characteristics
Parameter
Symbol
Values
Unit
Min.
Max.
Supply Voltage
UB
3.0
5.0
V
Laser Diode Current
ILD
200
mA
Dimensions (H x W x D)
24 x 9 x 5
mm
Operating Temperature
TCASE
0
50
°C
Storage Temperature
TSTG
- 20
70
°C
PIN Configuration
Description
EU-40 is a small and inexpensive driver board for continues wave (CW) operation of blue and green laser diode. The
Automatic Current Control (ACC) circuit allows for a laser diode current of up to 200 mA, adjustable by means of a
potentiometer. EU-40 utilizes an up-converting current logic, and can be driven off a 3 VDC supply voltage. The laser
diodes output power is independent from the drivers supply voltage.
EU-40
PIN
Function
UB
Supply Voltage +
GND
Ground
LD+
Laser Diode Anode
LD-
Laser Diode Cathode
rev.1.0 07.09.17
UB
GND
LD
-
LD
+
FRONT
REAR


Similar Part No. - EU-40

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EU-4104 ADLINK-EU-4104 Datasheet
249Kb / 2P
EtherCAT Slave System
logo
Roithner LaserTechnik G...
EU-42 ROITHNER-EU-42 Datasheet
54Kb / 1P
MODULABLE LASERDIODEDRIVER
logo
Adlink Technology Inc.
EU-4304 ADLINK-EU-4304 Datasheet
249Kb / 2P
EtherCAT Slave System
More results

Similar Description - EU-40

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
Laser Diode Driver
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com