Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSMB75-LR-PC-CF Datasheet(PDF) 4 Page - DDK Ltd.

Part # SSMB75-LR-PC-CF
Description  75 廓 SSMB Type Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB75-LR-PC-CF Datasheet(HTML) 4 Page - DDK Ltd.

  SSMB75-LR-PC-CF Datasheet HTML 1Page - DDK Ltd. SSMB75-LR-PC-CF Datasheet HTML 2Page - DDK Ltd. SSMB75-LR-PC-CF Datasheet HTML 3Page - DDK Ltd. SSMB75-LR-PC-CF Datasheet HTML 4Page - DDK Ltd. SSMB75-LR-PC-CF Datasheet HTML 5Page - DDK Ltd. SSMB75-LR-PC-CF Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Unit:mm
http://www.ddknet.co.jp
SSMB75 Series
4
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(1)
8
Outer Conductor
Outer Jacket
50%
Ferrule
Insulator
Sleeve
Center Conductor
Insulator
2.8
1.5
●
0.5∼1
Center Conductor
Dies Surface
Body Surface
Contact
Insulator
No gap
Soldering
Connector
①
②
③
④
⑤
⑥
① Removing outer jacket
 Removing outer jacket as left figure.
② Insert ferrule and sleeve
 Insert ferule into the cable, stretch the outer
 conductor of the cable and insert sleeve.
 Cut off the outer conductor of the cable along
 the sleeve
③ Cutting cable
 
Cut the center conductor and insulator of the
 cable as left figure.
④ Crimping body
 Insert the body and crimp it by dies.
 Crimping body should be equal to body surface
 and dies surface.
 
⑤ Soldering contact
 
Solder the contacts into the insulator and center
 conductor.
⑥ Assemble connector
 
Screw the connector.
 (Recommended screw torque : 29.4 N・㎝)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com