Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS12N65FC Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS12N65FC
Description  Low gate charge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS12N65FC Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS12N65FC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N65FC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N65FC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N65FC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N65FC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N65FC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N65FC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N65FC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:201507A
1/8
N 沟道增强型场效应晶体管
N- CHANNEL MOSFET
JCS12N65FC
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen
Free
包
装
Packaging
器件重量
Device
Weight
JCS12N65FC-O-F2-N-B
JCS12N65F
TO-220MF-K2
否
NO
条管 Tube
2.20 g(typ)
主要参数
MAIN CHARACTERISTICS
ID
12
A
VDSS
650
V
Rdson(@Vgs=10V)
0.52Ω
Qg
30 nC
用途
 高频开关电源
 电子镇流器
 UPS 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
UPS
产品特性
低栅极电荷
低 Crss (典型值 5pF)
开关速度快
产品全部经过雪崩测试
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 5pF )
Fast switching
100% avalanche tested
RoHS product
封装 Package
订货信息 ORDER MESSAGE


Similar Part No. - JCS12N65FC

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS12N65FEI-F1-B JSMC-JCS12N65FEI-F1-B Datasheet
1Mb / 13P
N-CHANNEL MOSFET
202105B
JCS12N65FEI-F1-BR JSMC-JCS12N65FEI-F1-BR Datasheet
1Mb / 13P
N-CHANNEL MOSFET
202105B
JCS12N65FEI-F2-B JSMC-JCS12N65FEI-F2-B Datasheet
1Mb / 13P
N-CHANNEL MOSFET
202105B
JCS12N65FEI-F2-BR JSMC-JCS12N65FEI-F2-BR Datasheet
1Mb / 13P
N-CHANNEL MOSFET
202105B
JCS12N65FT-O-F-N-B JSMC-JCS12N65FT-O-F-N-B Datasheet
4Mb / 10P
N-CHANNEL MOSFET
More results

Similar Description - JCS12N65FC

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
Low Gate Charge
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
Low Gate Charge
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
Low Gate Charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
Low gate charge.
logo
JILIN SINO-MICROELECTRO...
JCS6HN65C JSMC-JCS6HN65C Datasheet
1Mb / 16P
Low gate charge
JCS10N65FC JSMC-JCS10N65FC Datasheet
836Kb / 10P
Low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com