Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-11 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # D-11
Description  DRIVERS for LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

D-11 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  D-11 Datasheet HTML 1Page - Roithner LaserTechnik GmbH D-11 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DRIVERS for LED 1.6÷4.6
µµm
L
LE
ED
D D
Drriiv
ve
err M
Mo
od
de
ell D
D--1
11
1
LED Driver D-11 Operating instructions
1.
Insert AC/DC adapter into connector "+12V DC" (Attention on voltage polarity).
2.
If necessary connect "Connector for synchronizing pulses" with selective amplifier of the detector signal (Attention on
voltage polarity).
3.
Insert a LED into connector "LED" (Attention on voltage polarity - + to the red point on the LED package).
4.
Select operating mode - "QCW" or "Pulse" (switch "Operating mode"). Green LED will indicate selected mode.
Installed frequency is 0.5 kHz. If you select pulse mode, installed pulse duration is 1 ms. Customer can specify in his
order other frequency and/or pulse duration.
5.
Set pozition "0" on Switch "Current"
6.
Switch On Driver (switch On/Off). Green LED "Working" will indicate that current is flowing. If after switching on
current is not flowing red LED "Break" will indicate break of the circuit. That situation can take place if testing
Infrared LED is damaged. If Customer order Driver D-11 together with infrared LEDs
currents for quasi-CW and pulse modes are fixed (usually 200 mA in QCW and 1 A in pulse mode).
VD3
MID-IR LED
Connector for
power
+12 V
Connector
synchronizing
pulses
On/Off
Operating
mode
Break
Working
QCW
pulse
signal
ground
Red LED indicates
break of circuit
Switch On and
switch off of the
Driver is carried out
by switch "On/Off"
Switch over
of two
modes -
quasi CW
(QCW) an
d
short pulses
(pulse) is
carried out
by switch
"Operating
mode"
Connector
for
IR LED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com