Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED760-40K42 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED760-40K42
Description  High radiated intensity
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED760-40K42 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED760-40K42 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED760-40K42 stem type LED with high beam
LED760-40K42 is AlGaAs LED mounted on TO-46 stem with unspherical glass lens,
being designed for high beam uses.
On forward bias, it emits a spectral band of radiation, which peaks at 760nm.
♦Outer dimension(Unit:mm)
♦Features
♦Specifications
♦Absolute Maximum Ratings
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
200
mW
Ta=25°C
Forward Current
IF
100
mA
Ta=25°C
Pulse Forward Current
IFP
500
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +80
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
‡
Pulse Forward Current condition: Duty=1% and Pulse Width=10us.
‡
Soldering condition : Soldering condition must be completed within 3 seconds at 260°C
♦Electro-Optical Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=50mA
1.85
2.00
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=50mA
6
10
mW
Radiant Intensity
IE
IF=50mA
60.0
mW/sr
Peak Wavelength
λP
IF=50mA
740
760
780
nm
Half Width
∆λ
IF=50mA
30
nm
Viewing Half Angle
θ 1/2
IF=50mA
±6
deg.
Rise Time
tr
IF=50mA
80
ns
Fall Time
tf
IF=50mA
80
ns
‡
Total Radiated Power is measured by Photodyne #500
‡
Radiant Intensity is measured by Tektronix J-6512.
1) High radiated intensity
2) High Reliability
1) Product Name
Infrared LED Lamp
2) Type No.
LED760-40K42
3) Chip Spec.
(1) Material
AlGaAs
(2) Peak Wavelength
760nm
4) Package
(1) Type
TO-46 stem
(2) Lens
Unspherical glass lens
(3) Cap
Gold plated


Similar Part No. - LED760-40K42

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED760-04A ROITHNER-LED760-04A Datasheet
144Kb / 3P
Dual LED
LED760-66-60 ROITHNER-LED760-66-60 Datasheet
121Kb / 1P
High Power LED Array
More results

Similar Description - LED760-40K42

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
High Intensity.
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
Reduces radiated EMI emissions
logo
Analog Devices
ADUM150N AD-ADUM150N Datasheet
536Kb / 22P
High robustness to radiated and conducted noise
Rev. 0
logo
Johanson Technology Inc...
0900AT43A0070 JOHANSON-0900AT43A0070 Datasheet
1,001Kb / 8P
Radiated Efficiency
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
High intensity
logo
Lite-On Technology Corp...
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
High Intensity
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
High Intensity
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
High intensity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com