Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLZS-2012 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # RLZS-2012
Description  Power dissipation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLZS-2012 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  RLZS-2012 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.3 White color Rank classification of chromaticity at Ta=25℃
(If=20mA)
Rank B
Rank P
X
0.20
0.08
0.23
0.285
x
0.285
0.23
0.345
0.34
Y
0.20
0.28
0.33
0.25
y
0.25
0.33
0.37
0.28
Rank Y
Rank O
X
0.34
0.345
0.43
0.39
x
0.39
0.43
0.56
0.58
Y
0.28
0.37
0.395
0.31
y
0.31
0.395
0.44
0.42
Notes)
・(x,y) is chromatic coordinates in CIE color diagram. Rank areas are shown in Sheet 4.
・Tolerance of chromaticity is +/-0.02.
・The correlated color temperature for Rank B varies from 12,000K to infinity.
For Rank P, it varies from 5,000K to 12,000K. For Rank Y, it varies from 3,000K to 5,000K.
For Rank O, it varies from 1,600K to 3,000K.
・The narrower color ranks which the customer requires can be offered by a special contract
between the two parties.
・The color of White LED is changed a little by an operating current
・A typical light emission spectrum of the white LED (Rank P) is shown in sheet 1.
2
OUTLINE DIMENSIONS AND MATERIALS
Please refer to Sheet 5.
Material as follows;
Chip: Zinc Selenide (ZnSe) and ZnSe-related compound
Resin: Epoxy Resin
Substrate: Fiber-reinforced Epoxy
3
PRODUCT NAME INDICATION
・Product Number
The first seven characters show model number. Followings are representative of ranks.
RLZS-2012▲■
▲
-
Ranking by Luminous Intensity
■
-
Ranking by Color
・Lot Number
The first five characters show model number. Followings are representative of ranks.
YYMM-○XXX□
YY
-
Year
(02 for 2002, 03 for 2003,….)
MM
-
Month
(01 for Jan., 02 for Feb., ….)
○
-
Epitaxial Chamber suffix (L,….)
XXX
-
Product Number (representative lot number of epitaxial growth)
□
-
Substrate dopant suffix (P for Aluminum, C for Iodine)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com