Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTDCCL/10/700 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PTDCCL/10/700
Description  LED Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PTDCCL/10/700 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PTDCCL/10/700 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15.03.2011
PTDCCL/10/ series
1 of 1
PTDCCL/10/ series
TECHNICAL DATA
LED Power Supply
PTDCCL/10/ series is a 10 W independent constant current power supply, which provides high
efficiency and reduced weight and size. Constant output currents of 350 mA and 700 mA are
available, with a wide range input voltage of 95-240 Volt. Equipped with push-in terminals suitable
for 0.5÷2.5 mm² section cables.
Specifications
Item
PTDCCL/10/350
PTDCCL/10/700
Unit
Nominal Input Voltage
95 - 240
V AC
Frequency
50 - 60
Hz
Nominal Output Power
10
W
Minimum Load
3
W
Nominal Output Current
350
700
mA
Maximum Output Voltage
35.7
17.9
V
Power Factor according to EN 61000-3-2
Yes
Maximum Ambient Temperature Ta
40
°C
Maximum Case Temperatur on Tc point
75
80
°C
Thermal Protection
Yes
Overload Protection
Yes
Overvoltage Protection
Yes
Short Circuit Protection (self-restoring)
Yes
Maximum Input Cables Section
2.5
mm²
Maximum Output Cables Section
2.5
mm²
Dimensions
22x144.5x22
mm
Weight
56
g
Package
Package Dimensions (Unit:mm)
Connection Diagram
Notes
Standards References
• LEDs have to be connected in series only.
• Never use switches on secondary side.
Safety:
Radio Interferencies:
Harmonics:
Immunity
EN 61347
EN 55015
EN 61000-3-2
EN 61547


Similar Part No. - PTDCCL/10/700

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PTDCC-10 ROITHNER-PTDCC-10 Datasheet
93Kb / 1P
LED Power Supply
PTDCC-15 ROITHNER-PTDCC-15 Datasheet
93Kb / 1P
LED Power Supply
PTDCC-3 ROITHNER-PTDCC-3 Datasheet
66Kb / 1P
LED Power Supply
PTDCC-S350700 ROITHNER-PTDCC-S350700 Datasheet
226Kb / 1P
Courant de sortie constant 350mA ou 700mA
PTDCC/10/350 ROITHNER-PTDCC/10/350 Datasheet
93Kb / 1P
LED Power Supply
More results

Similar Description - PTDCCL/10/700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXC30 ETC2-LXC30 Datasheet
270Kb / 2P
LED Power Supply
LXC50 ETC2-LXC50 Datasheet
269Kb / 2P
LED Power Supply
LXV75 ETC2-LXV75 Datasheet
421Kb / 2P
LED Power Supply
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
LED Power Supply
LXV200 ETC2-LXV200 Datasheet
398Kb / 2P
LED Power Supply
LXV300 ETC2-LXV300 Datasheet
413Kb / 2P
LED Power Supply
logo
JILIN SINO-MICROELECTRO...
JCS4N65FE JSMC-JCS4N65FE Datasheet
996Kb / 16P
LED power supply
JCS4N65FEI JSMC-JCS4N65FEI Datasheet
730Kb / 11P
LED power supply
JCS8HN60C JSMC-JCS8HN60C Datasheet
1Mb / 14P
LED power supply
logo
LinkCom Manufacturing C...
40-LSP LINKCOM-40-LSP Datasheet
450Kb / 4P
LED Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com