Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLT-37 Datasheet(PDF) 13 Page - Roithner LaserTechnik GmbH

Part # DLT-37
Description  The universal driver for Mid-IR LEDs with built-in cooler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DLT-37 Datasheet(HTML) 13 Page - Roithner LaserTechnik GmbH

Back Button DLT-37 Datasheet HTML 7Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 8Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 9Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 10Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 11Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 12Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 13Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 14Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 15Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
7. Technical characteristics.
Input voltage
+12 V, stabilized
Voltage tolerance
-5..+5 %
Power consumption
Less then 4 W
Adjustment temperature range
-10 °С..+25 °С
Board dimensions
145×70×30 mm
Weight
200 g
QCW mode
Pulsed mode
Pulse duration
31 – 1000 µs
0,6 – 20 µs
Repetition rate (Frequency)
0,5 – 16 kHz
0,5 – 16 kHz
Output current amplitude
20 – 250 mA
0,1- 2,0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com