Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED18 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED18
Description  LIGHT EMITTING DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED18 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED18 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIGHT EMITTING DIODES 1.6
÷÷4.6
µµm
M
Mo
od
de
ell L
LE
ED
D1
18
8
1
1..8
85
5
µµµµm
m 0
0..9
9 m
mW
W
•Light Emitting Diodes LED18 are designed for emitting at a spectral
range around 1850 nm. Heterostructures (HS) are grown on GaSb
substrates. The output emission can be modulated by current flowing in
a forward direction.
•Light Emitting Diodes LED18 are developed for using in optical gas
sensors and medical diagnostics. They have stable output power and
lifetime more then 10000 hours.
•Related products: LED18 can be used in optical pair with our photodiodes
PD24. Our standard LED Driver provides power supply of LED18 in two
recommended here regimes (Quasi-CW and Pulsed).
Parameters
Min
Typ
Max
Wavelength,
µm
1.80
1.85
1.89
FWHM,
µm
0.15
0.20
0.25
Optical Power, mW
Quasi-CW @ 200 mA
Pulsed@1A
0.7
15
0.9
20
1.1
25
Switching Time, ns
10
30
50
Operating Temperature
Range,
oC
-240
÷+50
Emitting Area,
µm
300x300
Soldering temperature
260
oC
Package
TO-18
LED18 typical spectra at different temperatures
0
10
20
30
40
50
60
70
1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
W avelength, nm
T=65C
T=20C
T=10C
LED18 - typical power vs. current
characteristic
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
0
50
100
150
200
Current, mA
LED18 - typical Current-voltage
characteristic
-30
-20
-10
0
10
20
30
40
-5
-4
-3
-2
-1
0
1
Voltage,V
Far field pattern
with and without reflector
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
LED18 (without reflector)
LED18-PR (with reflector)
Recommended regimes of operation
Quasi-CW
200 mA
250
µs
250
µs
1
µs
2 A
500
µs
f=2 kHz
f=2 kHz
Pulse


Similar Part No. - LED18

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED18 ROITHNER-LED18 Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
logo
List of Unclassifed Man...
LED18-GGG-P ETC2-LED18-GGG-P Datasheet
502Kb / 1P
Mounting Brackets for Mini Limit Switch Sensors
logo
Roithner LaserTechnik G...
LED18-PR ROITHNER-LED18-PR Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
logo
List of Unclassifed Man...
LED18-RRR-P ETC2-LED18-RRR-P Datasheet
502Kb / 1P
Mounting Brackets for Mini Limit Switch Sensors
LED18-RYG-P ETC2-LED18-RYG-P Datasheet
502Kb / 1P
Mounting Brackets for Mini Limit Switch Sensors
More results

Similar Description - LED18

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRS250 SIEMENS-LRS250 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH_08 Datasheet
315Kb / 3P
Light Emitting Diodes
LNG901CFB PANASONIC-LNG901CFB Datasheet
383Kb / 3P
Light Emitting Diodes
logo
Roithner LaserTechnik G...
LED38-PR ROITHNER-LED38-PR Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED38-TEC ROITHNER-LED38-TEC Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED46-PR ROITHNER-LED46-PR Datasheet
108Kb / 1P
LIGHT EMITTING DIODES
LED18-TEC-PR ROITHNER-LED18-TEC-PR Datasheet
112Kb / 1P
LIGHT EMITTING DIODES
LED31 ROITHNER-LED31 Datasheet
104Kb / 1P
LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
78Kb / 1P
LIGHT EMITTING DIODES
LED46 ROITHNER-LED46 Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com