Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879DWB/R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # PC33879DWB/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879DWB/R2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button PC33879DWB/R2 Datasheet HTML 2Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 3Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 4Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 5Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 9Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
33879
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
POWER OUTPUT
Drain-to-Source ON Resistance
IOUT = 0.350 A, TJ = 125°C, VPWR = 13 V
IOUT = 0.350 A, TJ = 25°C, VPWR = 13 V
IOUT = 0.350 A, TJ = -40°C, VPWR = 13 V
RDS (ON)
–
–
–
–
1.0
–
1.4
–
–
Ω
Output Self Limiting Current High-Side and Low-Side Configurations
IOUT(LIM)
0.5
–
1.0
A
Output Fault Detection Voltage Threshold (Note 7)
Outputs Programmed OFF
VOUT(flt-th)
2.5
3.5
4.2
V
Output Fault Detection Current @ Threshold, High-Side Configuration
Outputs Programmed OFF
IOUT(flt-th)
35
55
70
µA
Output Fault Detection Current @ Threshold, Low-Side Configuration
Outputs Programmed OFF
IOUT(flt-th)
20
30
50
µA
Output OFF Open Load Detection Current, High-Side Configuration
VDrain = 16 V, VSource = 0 V, Outputs Programmed OFF
IOCO
65
100
160
µA
Output OFF Open Load Detection Current, Low-Side Configuration
VDrain = 16 V, VSource = 0 V, Outputs Programmed OFF
IOCO
40
75
135
µA
Output Clamp Voltage Low-Side Drive
ID = 10 mA
VOC(LSD)
40
45
55
V
Output Clamp Voltage High-Side Drive
IS = -10 mA
VOC(HSD)
-15
-20
-25
V
Output Leakage Current High-Side and Low-Side Configurations
VDD = 0 V, VDrain = 16 V, VSource = 0 V
IOUT(LKG)
––
7.0
µA
Output Leakage Current Low-Side Configuration
VDD = 5.0 V, VDrain = 16 V, VSource = 0 V,
Open Load Detection Current Disabled
IOUT(LKG)
––
5
µA
Output Leakage Current High-Side Configuration
VDD = 5.0 V, VDrain = 16 V, VSource = 0 V,
Open Load Detection Current Disabled
IOUT(LKG)
––
20
µA
Overtemperature Shutdown (Note 8)
TLIM
155
–
185
°C
Overtemperature Shutdown Hysteresis (Note 8)
TLIM(hys)
5.0
10
15
°C
Notes
7.
Output fault detection thresholds with outputs programmed OFF. Output fault detect thresholds are the same for output open and shorts.
8.
This parameter is guaranteed by design but is not production tested.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions of 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com