Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB200R Datasheet(PDF) 4 Page - Jinan Jingheng (Group) Co.,Ltd

Part # DB200R
Description  Bilateral Voltage triggered Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

DB200R Datasheet(HTML) 4 Page - Jinan Jingheng (Group) Co.,Ltd

  DB200R Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd DB200R Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd DB200R Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd DB200R Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd DB200R Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electrical Specifications
FIG.6 Ignitor Circuit (Low Voltage Input)
4.7 F
m
4.7K
W
200V
SIDAC
H.V.
IGNITOR
1.2 F
m
4.7 F
100V
m
10 F
m
50V
+
+
-
-
24VAC
60Hz
FIG.7 Typical High Pressure Sodium Lamp Firing
Circuit
SIDAC
SIDAC
LAMP
LAMP
16mH
120VAC
60Hz
120VAC
220VAC
220VAC
50Hz
3.3K
W
7.5K
W
BALLAST
BALLAST
0.47 F
400V
m
0.22 F
m
FIG.10 Dynamic Holding Current Test Circuit for SIDAC
FIG.8 Comparison of SIDAC vs SCR
FIG.11 Basic SIDAC Circuit
FIG.9 Xenon Lamp Flashing Circuit
SIDAC
VBO
LOAD
VBO
VBO
125-145
IH
IH
IH
SCOPE
IH
Ipk
PUSH TO TEST
TRACE STOPES
LOAD CURRENT
CONDUCTION
ANGLE
DEVICE
UNDER
TEST
SWITCH TO TEST IN EACH
DIRECTIONS
S1
SIDAC
XENON LAMP
100-250
VAC
60Hz
100-250
VAC
60Hz
100-250
VAC
60Hz
100-250
VAC
60Hz
120VAC
60Hz
100
100
1%
20M
250V
4KV
+
+
-
-
-
10 F
10 F
250V
0.1 F
400V
VBO
VBO
R
SEMICONDUCT OR
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
54
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com