Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBC1100L Datasheet(PDF) 5 Page - SMSC Corporation

Part # KBC1100L
Description  MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

KBC1100L Datasheet(HTML) 5 Page - SMSC Corporation

  KBC1100L Datasheet HTML 1Page - SMSC Corporation KBC1100L Datasheet HTML 2Page - SMSC Corporation KBC1100L Datasheet HTML 3Page - SMSC Corporation KBC1100L Datasheet HTML 4Page - SMSC Corporation KBC1100L Datasheet HTML 5Page - SMSC Corporation KBC1100L Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Block Diagram
Figure 1 KBC1100L Block Diagram
I2C1A_DATA, AB1A_CLK
I2C1B_DATA, AB1B_CLK
KSI[0:7]
KS0[0:13], KS0[14:17]*
nBAT_LED, nPWR_LED
IN
OUT
GPIO
SGPIO
LGPIO
32KHz Clock
Week
Wakeup
Timer
VCC2 I/O
Controls
PLL CLOCK
GENERATOR
WDT
CONFIGURATION REGISTERS
POWER
MANAGEMENT
8051
32 MHz
Programmable
Ring
Oscillator
w/ Fail Safe
256B Direct
RAM
MAILBOX
REGISTERS
8051
SUB-BLOCK
EXTERNAL
CONTROL
REGISTERS
512B
EXTERNAL
8051 DATA
RAM
LED DRIVER
GENERAL
PURPOSE I/O
INTERFACE
IN
OUT
I/O
18 x 8
KEYBOARD
INTERFACE
PS/2 PORTS
ACCESS BUS
PWM
CONTROL, ADDRESS, DATA
LAD [3:0]
nLPCPD
nLFRAME
nLRESET
CLK_OUT
PWRGD
32KHz_OUT
CLOCKI
(14.318 MHz)
XOSEL
XTAL2
XTAL1
VCC0
AGND
SA_GPIO[1:0]
Battery Managment
A/D, D/A &
SMSC SentinelAlert!
ACPI
EMBEDDED
CONTROLLER
INTERRUPTS
SER_IRQ
PCI_CLK
nCLKRUN
nEC_SCI
nSMI*
PM1
BLOCK
LPC BUS
HOST CPU
INTERFACE
nEC_SCI
I/O
I/O
2KB SCRATCH
ROM
SHARED FLASH
INTERFACE
HOST FLASH
INTERFACE
8051 MCU FLASH
INTERFACE
HARDWARE
READ ARBITER
AND FLASH
ACCESS
CONTROL
nFCS
FPGM
FD[7:0]
FA[22:0]
nFRD
nFWR
nLDRQ0
SERIAL
PERIPHERAL
INTERFACE
SPDOUT*
RESGEN
VCC1RST#
LPC_CLK_33
DBG_CLK*
MSCLK
MSDAT
8051RX*
8051TX*
16-BIT
COUNTER/
TIMER
INTERFACE
TIN[7:4]*
PWM[3:0]*
FAN
TACHOMETER
FAN_TACH[3:1]*
SERIAL FLASH
PROGRAMMING
INTERFACE
POWER
STATUS
REGISTER
* Multifunction Pin
VCC1 POWERED
VCC0 POWERED
Specifc
Wake
HW_PROTECT#
48 MHz
Programmable
Ring
Oscillator
SPCLK*
SPDIN*
IMCLK*
IMDAT*
KCLK*
KDAT*
KBRST*, A20M*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com