Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01-RMN6T/W Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24C01-RMN6T/W
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-RMN6T/W Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24C01-RMN6T/W Datasheet HTML 9Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 10Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 11Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 12Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 13Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 14Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 15Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 16Page - STMicroelectronics M24C01-RMN6T/W Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
M24C16, M24C08, M24C04, M24C02, M24C01
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings" table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 4. Absolute Maximum Ratings
Note: 1. Compliant with JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and
the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU
2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω)
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering
See note 1
°C
VIO
Input or Output range
–0.50
6.5
V
VCC
Supply Voltage
–0.50
6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com