Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH0021 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0021
Description  1.0 Amp Power Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0021 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LH0021 Datasheet HTML 5Page - National Semiconductor (TI) LH0021 Datasheet HTML 6Page - National Semiconductor (TI) LH0021 Datasheet HTML 7Page - National Semiconductor (TI) LH0021 Datasheet HTML 8Page - National Semiconductor (TI) LH0021 Datasheet HTML 9Page - National Semiconductor (TI) LH0021 Datasheet HTML 10Page - National Semiconductor (TI) LH0021 Datasheet HTML 11Page - National Semiconductor (TI) LH0021 Datasheet HTML 12Page - National Semiconductor (TI) LH0021 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Typical Applications (Continued)
Power Comparator
Type 327 Lamp
TLH9298 – 14
DC Servo Amplifier
TLH9298 – 15
Auxiliary Circuits
LH0021 Unity Gain Circuit with Short Circuit Limiting
ISC e
07
RSC
e
14 amps
TLH9298 – 16
LH0041G Unity Gain with Short Circuit Limiting
IDC e
07
RSC
e
210 mA
TLH9298 – 17
LH0041LH0021 Offset Voltage Null Circuit
(LH0041CJ Pin Connections Shown)
R1 e R3
AV eb
R2
R1
TLH9298 – 18
LH0041G Offset Voltage Null Circuit
R1 e R3
AV eb
R2
R1
TLH9298 – 19
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com