Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2770 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2770
Description  High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2770 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2770 Datasheet HTML 1Page - National Semiconductor (TI) LM2770 Datasheet HTML 2Page - National Semiconductor (TI) LM2770 Datasheet HTML 3Page - National Semiconductor (TI) LM2770 Datasheet HTML 4Page - National Semiconductor (TI) LM2770 Datasheet HTML 5Page - National Semiconductor (TI) LM2770 Datasheet HTML 6Page - National Semiconductor (TI) LM2770 Datasheet HTML 7Page - National Semiconductor (TI) LM2770 Datasheet HTML 8Page - National Semiconductor (TI) LM2770 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram and Package Mark Information
10-Pin Non-Pullback Leadless Frame Package (LLP-10)
National Semiconductor Package Number SDA10A
20126002
Pin Description
Pin #
Name
Description
1V
SEL
Output Voltage Select Logic Input. If V
SEL is high, VOUT = high voltage. If VSEL
is low, V
OUT = low voltage. (See Order Information for available voltage
options)
2
EN
Enable Pin Logic Input. If high, part is enabled. If low, part is in shutdown.
3
C2+
Flying Capacitor 2: Positive Termial
4
GND
Ground
5
C2-
Flying Capacitor 2: Negative terminal
10
SLEEP
Sleep Mode Logic Input. If high, the part operates in sleep mode, and the
output is driven by a low power linear regulator. If low, the part operates in
full-power mode, and the output is driven by the switched capacitor regulator
9V
IN
Input Voltage. Recommended V
IN operating range: 2.7V to 5.5V
8
C1+
Flying Capacitor 1: Positive Terminal
7
C1-
Flying Capacitor 1: Negative Terminal
6V
OUT
Output Voltage
Order Information
Output Voltages
Order Number
Package Mark ID
Package
Supplied as:
1.2V / 1.5V
LM2770SD-1215
L162B
SDA10A
Non-Pullback LLP
1000 Units, Tape and Reel
1.2V / 1.5V
LM2770SDX-1215
L162B
4500 Units, Tape and Reel
1.2V / 1.575V
LM2770SD-12157
L166B
1000 Units, Tape and Reel
1.2V / 1.575V
LM2770SDX-12157
L166B
4500 Units, Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com