Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2902
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2902 Datasheet HTML 3Page - STMicroelectronics LM2902 Datasheet HTML 4Page - STMicroelectronics LM2902 Datasheet HTML 5Page - STMicroelectronics LM2902 Datasheet HTML 6Page - STMicroelectronics LM2902 Datasheet HTML 7Page - STMicroelectronics LM2902 Datasheet HTML 8Page - STMicroelectronics LM2902 Datasheet HTML 9Page - STMicroelectronics LM2902 Datasheet HTML 10Page - STMicroelectronics LM2902 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LM2902
11/11
PACKAGE MECHANICAL DATA
14 PINS -THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
4.90
5.00
5.10
0.192
0.196
0.20
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k
0°
8°
0°
8°
L
0.450
0.600
0.750
0.018
0.024
0.030
L1
1.00
0.039
aaa
0.100
0.004
c
k
E
PIN 1 IDENTIFICATION
1
7
8
14
0,25 mm
.010 inch
GAGE PLANE
A
A2
A1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
© http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com