Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025AMTC Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5025AMTC
Description  Active Clamp Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5025AMTC Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM5025AMTC Datasheet HTML 8Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 9Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 10Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 11Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 12Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 13Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 14Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 15Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Feed-Forward Ramp (Continued)
compared to the error signal at the COMP pin by the pulse
width modulator comparator to control the duty cycle of the
main switch output. The Volt Second Clamp comparator also
monitors the RAMP pin and if the ramp amplitude exceeds
2.5V the present cycle is terminated. The ramp signal is
reset to GND at the end of each cycle by either the internal
clock or the Volt Second comparator, which ever occurs first.
Soft-start
The softstart feature allows the power converter to gradually
reach the initial steady state operating point, thus reducing
start-up stresses and surges. At power on, a 20µA current is
sourced out of the softstart pin (SS) into an external capaci-
tor. The capacitor voltage will ramp up slowly and will limit
the COMP pin voltage and therefore the PWM duty cycle. In
the event of a fault as determined by V
CC undervoltage, line
undervoltage (UVLO) or second level current limit, the output
gate drivers are disabled and the softstart capacitor is fully
discharged. When the fault condition is no longer present a
softstart sequence will be initiated. Following a second level
current limit detection (CS2), the softstart current source is
reduced to 1µA until the first output pulse is generated by the
PWM comparator. The current source returns to the nominal
20µA level after the first output pulse (~1V at the SS pin).
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the
integrated circuit in the event the maximum junction tem-
perature is exceeded. When activated, typically at 165˚C,
the controller is forced into a low power standby state with
the output drivers and the bias regulator disabled. The de-
vice will restart after the thermal hysteresis (typically 25˚C).
During a restart after thermal shutdown, the softstart capaci-
tor will be fully discharged and then charged in the low
current mode (1µA) similar to a second level current limit
event. The thermal protection feature is provided to prevent
catastrophic failures from accidental device overheating.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com