Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609CSW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1609CSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609CSW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1609CSW Datasheet HTML 16Page - Linear Technology LTC1609CSW Datasheet HTML 17Page - Linear Technology LTC1609CSW Datasheet HTML 18Page - Linear Technology LTC1609CSW Datasheet HTML 19Page - Linear Technology LTC1609CSW Datasheet HTML 20Page - Linear Technology LTC1609CSW Datasheet HTML 21Page - Linear Technology LTC1609CSW Datasheet HTML 22Page - Linear Technology LTC1609CSW Datasheet HTML 23Page - Linear Technology LTC1609CSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1609
1609fa
0.1
µF
OFFSET
TRIM
GAIN
TRIM
5V
LTC1662
CS/LD
SCK
SDI
REF
CS/LD
SCK
SDI
VOUTA
GND
VCC
VOUTB
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
200
Ω
100
Ω
787k
LTC1609
OFFSET/GAIN CIRCUITS FOR UNIPOLAR INPUT RANGES
OFFSET/GAIN CIRCUITS FOR BIPOLAR INPUT RANGES
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
200
Ω
100
Ω
787k
LTC1609
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
200
Ω
100
Ω
787k
LTC1609
VIN
0.1
µF
OFFSET
TRIM
GAIN
TRIM
5V
LTC1662
CS/LD
SCK
SDI
REF
CS/LD
SCK
SDI
VOUTA
GND
VCC
VOUTB
0.1
µF
OFFSET
TRIM
GAIN
TRIM
5V
LTC1662
CS/LD
SCK
SDI
REF
CS/LD
SCK
SDI
VOUTA
GND
VCC
VOUTB
0.1
µF
OFFSET
TRIM
GAIN
TRIM
5V
LTC1662
CS/LD
SCK
SDI
REF
CS/LD
SCK
SDI
VOUTA
GND
VCC
VOUTB
0.1
µF
OFFSET
TRIM
GAIN
TRIM
5V
LTC1662
CS/LD
SCK
SDI
REF
CS/LD
SCK
SDI
VOUTA
GND
VCC
VOUTB
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
100
Ω
33.2k
33.2k
787k
200
Ω
LTC1609
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
200
Ω
100
Ω
787k
LTC1609
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
1609 F16
+
2.2
µF
33.2k
100
Ω
200
Ω
787k
LTC1609
VIN
33.2k
33.2k
0.1
µF
OFFSET
TRIM
GAIN
TRIM
5V
LTC1662
CS/LD
SCK
SDI
REF
CS/LD
SCK
SDI
VOUTA
GND
VCC
VOUTB
33.2k
0V TO 10V
0V TO 5V
0V TO 4V
±10V
±5V
±3.3V
APPLICATIO S I FOR ATIO
Figure 16. Digitally-Controlled Offset and Full-Scale Adjust Circuits Using
the LTC1662 Dual 10-Bit VOUT DAC (Adjust Offset First at 0V, Then Adjust Gain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com