Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069497 Datasheet(PDF) 5 Page - SICK AG

Part # 1069497
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069497 Datasheet(HTML) 5 Page - SICK AG

  1069497 Datasheet HTML 1Page - SICK AG 1069497 Datasheet HTML 2Page - SICK AG 1069497 Datasheet HTML 3Page - SICK AG 1069497 Datasheet HTML 4Page - SICK AG 1069497 Datasheet HTML 5Page - SICK AG 1069497 Datasheet HTML 6Page - SICK AG 1069497 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GRTE18S-P2367 | GR18S
PHOTOELECTRIC SENSORS
Characteristic curve
GRTE18, 800 mm
0
200
(7.87)
400
(15.75)
600
(23.62)
800
(31.5)
1,000
(39.37)
100
10
1
Operating reserve
Distance in mm (inch)
2
1
3
①  Sensing range on black, 6% remission
②  Sensing range on gray, 20 % remission
③  Sensing range on white, 90% remission
Light spot size
GRTE18, 800 mm
40
(1.6)
200
(7.9)
800
(31.5)
Distance
Ø 9
(0.4)
Ø 12
(0.5)
Ø 45
(1.8)
Ø 60
(2.4)
1,000
(39.4)
Diameter
Dimensions in mm (inch)
2017-12-07 16:01:50 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com