Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT90ZB1T Datasheet(PDF) 27 Page - STMicroelectronics

Part # M28R400CT90ZB1T
Description  4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT90ZB1T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M28R400CT90ZB1T Datasheet HTML 23Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 24Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 25Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 26Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 27Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 28Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 29Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 30Page - STMicroelectronics M28R400CT90ZB1T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27/48
M28R400CT, M28R400CB
Figure 11. Power-Up and Reset AC Waveforms
Table 18. Power-Up and Reset AC Characteristics
Note: 1. The device Reset is possible but not guaranteed if tPLPH < 100ns.
2. Sampled only, not 100% tested.
3. It is important to assert RP in order to allow proper CPU initialization during power up or reset.
Symbol
Parameter
Test Condition
M28R400C
Unit
90
120
tPHWL
tPHEL
tPHGL
Reset High to Write Enable Low, Chip Enable Low,
Output Enable Low
During
Program and
Erase
Min
50
50
µs
others
Min
30
30
ns
tPLPH
(1,2)
Reset Low to Reset High
Min
100
100
ns
tVDHPH
(3)
Supply Voltages High to Reset High
Min
50
50
µs
AI03537b
W,
RP
tPHWL
tPHEL
tPHGL
E, G
VDD, VDDQ
tVDHPH
tPHWL
tPHEL
tPHGL
tPLPH
Power-Up
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com