Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38693MP-2.5 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38693MP-2.5
Description  500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38693MP-2.5 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP38693MP-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 10Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 11Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 12Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 13Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 14Page - National Semiconductor (TI) LP38693MP-2.5 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Hints (Continued)
OUTPUT NOISE
Noise is specified in two ways: Spot Noise or Output Noise
Density is the RMS sum of all noise sources, measured at
the regulator output, at a specific frequency (measured with
a 1Hz bandwidth). This type of noise is usually plotted on a
curve as a function of frequency. Total Output Noise or
Broad-Band Noise is the RMS sum of spot noise over a
specified bandwidth, usually several decades of frequencies.
Attention should be paid to the units of measurement. Spot
noise is measured in units µV/root-Hz or nV/root-Hz and total
output noise is measured in µV(rms)
The primary source of noise in low-dropout regulators is the
internal reference. Noise can be reduced in two ways: by
increasing the transistor area or by increasing the current
drawn by the internal reference. Increasing the area will
decrease the chance of fitting the die into a smaller package.
Increasing the current drawn by the internal reference in-
creases the total supply current (ground pin current).
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com