Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6549 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6549
Description  Open-Drain Output Sub-Microamp Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6549 Datasheet HTML 1Page - Microchip Technology MCP6549 Datasheet HTML 2Page - Microchip Technology MCP6549 Datasheet HTML 3Page - Microchip Technology MCP6549 Datasheet HTML 4Page - Microchip Technology MCP6549 Datasheet HTML 5Page - Microchip Technology MCP6549 Datasheet HTML 6Page - Microchip Technology MCP6549 Datasheet HTML 7Page - Microchip Technology MCP6549 Datasheet HTML 8Page - Microchip Technology MCP6549 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MCP6546/7/8/9
DS21714C-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD - VSS ..............................................................7.0V
Open-Drain output..................................... VSS +10.5V
All inputs and outputs ........... VSS –0.3V to VDD +0.3V
Difference Input voltage ............................ |VDD - VSS|
Output Short-Circuit Current .......................continuous
Current at Input Pins .........................................±2 mA
Current at Output and Supply Pins ..................±30 mA
Storage temperature ..........................-65°C to +150°C
Maximum Junction Temperature (TJ) ............... +150°C
ESD protection on all pins (HBM;MM)..........4 kV;200V
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
DC CHARACTERISTICS
NAME
FUNCTION
VIN+, VINA+, VINB+, VINC+, VIND+ Non-Inverting Inputs
VIN–, VINA–, VINB–, VINC–, VIND– Inverting Inputs
VDD
Positive Power Supply
VSS
Negative Power Supply
OUT, OUTA, OUTB, OUTC,
OUTD
Outputs
CS
Chip Select
NC
Not Connected
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2, VIN– = VSS,
RPU =2.74kΩ to VPU = VDD (Refer to Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Supply Voltage
VDD
1.6
5.5
V
Quiescent Current per comparator
IQ
0.3
0.6
1
µA
IOUT = 0
Input
Input Voltage Range
VCMR
VSS − 0.3
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
55
70
dB
VDD = 5V, VCM = -0.3V to 5.3V
Common Mode Rejection Ratio
CMRR
50
65
dB
VDD = 5V, VCM = 2.5V to 5.3V
Common Mode Rejection Ratio
CMRR
55
70
dB
VDD = 5V, VCM = -0.3V to 2.5V
Power Supply Rejection Ratio
PSRR
63
80
dB
VCM = VSS
Input Offset Voltage
VOS
-7.0
±1.5
+7.0
mV
VCM = VSS (Note 1)
Drift with Temperature
∆VOS/∆TA
±3
µV/°C TA = -40°C to +85°C, VCM = VSS
Input Hysteresis Voltage
VHYST
1.5
3.3
6.5
mV
VCM = VSS (Note 1)
Drift with Temperature
∆VHYST/∆TA
10
µV/°C TA = -40°C to +25°C, VCM = VSS
Drift with Temperature
∆VHYST/∆TA
5
µV/°C TA = +25°C to +85°C, VCM = VSS
Input Bias Current
IB
—1
pA
VCM = VSS
Over Temperature
IB
——
100
pA
TA = -40°C to +85°C, VCM = VSS (Note 3)
Input Offset Current
IOS
±1
pA
VCM = VSS
Common Mode Input Impedance
ZCM
—1013||4
Ω||pF
Differential Input Impedance
ZDIFF
—1013||2
Ω||pF
Open-Drain Output
Output Pull-Up Voltage
VPU
VDD
—10
V
(Note 2)
High-Level Output Current
IOH
-100
nA
VDD = 1.6V to 5.5V, VPU = 10V (Note 2)
Low-Level Output Voltage
VOL
VSS
—VSS + 0.2
V
IOUT = 2 mA, VPU = VDD = 5V
Short-Circuit Current
ISC
—±50
—mA
VPU = VDD = 5.0V (Note 2)
Output Pin Capacitance
COUT
—8
pF
Note 1:
The input offset voltage is the center of the input-referred trip points. The input hysteresis is the difference between the
input-referred trip points.
2:
Do not short the output above VSS + 10V. Limit the output current to Absolute Maximum Rating of 30 mA. The
comparator does not function properly when VPU < VDD.
3:
Input bias current overtemperature is not tested for the SC-70-5 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com