Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1-5V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # JS1-5V
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JS1-5V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  JS1-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JS1-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JS1-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JS
77
COIL DATA
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
(at 20
°C68°F)
Drop-out
voltage,
V DC (min.)
(at 20
°C68°F)
Coil
resistance,
Ω (±10%)
(at 20
°C68°F)
Nominal
operating current,
mA (
±10%)
(at 20
°C68°F)
Nominal
operating
power, mW
(at 20
°C68°F)
Max.
allowable
voltage
(at 85
°C185°F)
Sealed type
Flux-resistant type
1 Form A 1 Form C 1 Form A 1 Form C
JS1a-5V
JS1-5V
JS1aF-5V JS1F-5V
5
3.5
0.5
69.4
72
360
130%V of
nominal
voltage
JS1a-6V
JS1-6V
JS1aF-6V JS1F-6V
6
4.2
0.6
100
60
JS1a-9V
JS1-9V
JS1aF-9V JS1F-9V
9
6.3
0.9
225
40
JS1a-12V JS1-12V
JS1aF-12V JS1F-12V
12
8.4
1.2
400
30
JS1a-18V JS1-18V
JS1aF-18V JS1F-18V
18
12.6
1.8
900
20
JS1a-24V JS1-24V
JS1aF-24V JS1F-24V
24
16.8
2.4
1,600
15
JS1a-48V JS1-48V
JS1aF-48V JS1F-48V
48
33.6
4.8
6,400
7.5
DIMENSIONS
mm inch
Note: Terminal No. 4 is only for
1 Form C type
General tolerance:
±0.3 ±.012
16
.630
0.4
.016
3.9
.154
0.8
.031
5
4 N.C.
1
2
3 N.O.
0.8
.031
0.24
.009
12.2
.480
16
.630
12
.472
0.4
.016
0.4
.016
22
.866
2.3
.091
1.2
.047
2
.079
Schematic (Bottom view)
1a
1c
PC board pattern (Copper-side view)
1a
1c
Tolerance:
±0.1 ±.004
N.O.
COM
COIL
N.O.
N.C.
COM
COIL
12
.472
4-1.3 dia.
4-.051 dia.
12.2
.480
2
.079
12
.472
5-1.3 dia.
5-.051 dia.
12.2
.480
2
.079
ORDERING INFORMATION
Ex. JS
1a
B
F
12V
Contact arrangement
1: 1 Form C
1a: 1 Form A
Nil: Class E insulation
B: Class B insulation
5, 6, 9, 12, 18, 24,
48 V
Coil insulation class
Nil: Sealed type
F: Flux-resistant type
Protective construction
Coil voltage (DC)
UL/CSA, VDE, TÜV approved type is standard.
Notes: 1. Standard packing: Carton: 100 pcs. Case: 500 pcs.
2. When ordering TV rated (TV-5) types, add suffix -TV.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com