Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 21 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6650 Datasheet HTML 17Page - Analog Devices AD6650 Datasheet HTML 18Page - Analog Devices AD6650 Datasheet HTML 19Page - Analog Devices AD6650 Datasheet HTML 20Page - Analog Devices AD6650 Datasheet HTML 21Page - Analog Devices AD6650 Datasheet HTML 22Page - Analog Devices AD6650 Datasheet HTML 23Page - Analog Devices AD6650 Datasheet HTML 24Page - Analog Devices AD6650 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AD6650
Rev. A | Page 20 of 44
FREQUENCY (MHz)
0
–10
–20
–40
–50
–30
–60
–70
–90
–100
–110
–80
–120
–1.98
–1.46
–0.94
0 17
–0.43
1.13
1.65
0.61
2.17
AD6650 DIGITAL
COMPOSITE
RESPONSE
CIC4 RESPONSE
IIR FILTER
RESPONSE
Figure 26. Composite Digital Response with 8× Rate
FINE DC CORRECTION
The fine dc correction block in the AD6650 lies between the
RCF and serial output port. While the coarse dc correction
block at the front of the channel is included to provide a one-
time correction at startup or at rare intervals when commanded
by the user, the fine dc correction block is intended to run
continuously and track any changes in the dc offsets of the
analog front end. To achieve this efficiently under varying
signal conditions, this dc estimation process is adaptive.
Adaptive DC Correction Filter
In typical applications where dc offsets are to be corrected, a
high-pass filter (HPF) is used to remove the dc and some small
percentage of the input signal power. This approach is
straightforward and works well when the input signal has a
relatively constant power or when the bandwidth of the HPF is
extremely small (in the μHz or nHz range) and the dc content
does not vary. In general, the more the input signal power can
vary, the narrower the bandwidth of the high-pass filter must be
to avoid low frequency transients in the filter that are larger
than the smallest expected signals. A fundamental trade-off
exists because if the high-pass filter has a very low bandwidth, it
can only track very slow changes (over hours, days, or weeks) in
the dc offsets of the device. On the other hand, if it has a higher
bandwidth, it may not be able to estimate the dc properly in the
presence of a large baseband signal.
Given the assumption that the signal of interest is uniformly
distributed across frequency, the processing gain equation can
be used to provide a starting point for system optimization.
Enough processing gain must be guaranteed for the dc estimate
to be valid for a minimum signal case. This is typically 20 dB to
30 dB but depends on the baseband signal processing of a
particular system. For GSM/EDGE, which is distributed over
~100 kHz single sideband (SSB), this implies that the HPF
bandwidth must be between 100 Hz to 1 kHz SSB. For every
6 dB that the signal power increases, 6 dB more processing gain
is required; therefore, the HPF bandwidth needs to decrease by
a factor of 4 or more.
(14)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
HPF
BW
f
f
PG
log
10
(14)
where:
fBW is the channel filter bandwidth.
fHPF is the HPF bandwidth.
In the case of GSM, a simple HPF is not well suited to this
problem because the signal power can vary 50 dB or more from
time slot to time slot and has a total dynamic range of 91 dB or
more. A large time slot would excite the impulse response of the
HPF, possibly resulting in a peak occurring later when a small
time slot is present. To provide a more optimal dc correction,
the AD6650 adaptively adjusts the bandwidth of the HPF based
on the signal power. As the signal level decreases, the HPF
bandwidth increases. Conversely, as the signal level increases,
the HPF bandwidth decreases.
The AD6650 implements this high-pass filter in the form of an
accumulator that integrates a number of samples of the output
of the RCF and produces an estimate after the samples are
accumulated. The estimated dc is then removed from the signal
path by a simple subtraction. The subtraction is clamped to
avoid overflow problems. The HPF bandwidth is varied by
changing the integration time (equivalent to a SYNC 1 filter
decimation of the integrator). The integration time is varied based
on the output of a peak detector circuit according to the process
described in the Peak Detector DC Correction Ranging section.
PEAK DETECTOR DC CORRECTION RANGING
The peak detector of the AD6650 always looks at the maximum
signal power present in the I or Q data path. The I and Q paths
are treated totally independently in the dc correction circuitry
because the analog paths are not guaranteed to match. The first
sample that arrives is rectified and preloaded into the peak
detector. A control counter is set to the minimum period
control register setting. On every input sample, the peak
detector determines if the new sample is larger than the
currently held sample, and if so, the peak detector is updated.
The contents of the peak detector are then examined. If they are
below the lower threshold, the control counter counts down and
when it reaches 0, it updates the dc estimate, resets the dc
accumulator, and reloads the peak detector with the newest
input sample magnitude. If the peak detector value is above the
upper threshold of the dc correction, the estimate currently
being calculated is discarded. When the signal drops below the
upper threshold, the calculation of a new dc estimate begins.
The current estimate is held, so the last known dc content
continues to be removed.
The AI, AQ, BI, and BQ paths of the AD6650 are each treated
independently in the dc correction circuitry because the analog
paths are not guaranteed to match, and separate dc estimates
need to be kept for each. Separate peak detectors, dc estimate
accumulators, dc estimate subtractors, and control counters are
implemented for each of these paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com