Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD6650BBCZ
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6650BBCZ Datasheet HTML 11Page - Analog Devices AD6650BBCZ Datasheet HTML 12Page - Analog Devices AD6650BBCZ Datasheet HTML 13Page - Analog Devices AD6650BBCZ Datasheet HTML 14Page - Analog Devices AD6650BBCZ Datasheet HTML 15Page - Analog Devices AD6650BBCZ Datasheet HTML 16Page - Analog Devices AD6650BBCZ Datasheet HTML 17Page - Analog Devices AD6650BBCZ Datasheet HTML 18Page - Analog Devices AD6650BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AD6650
Rev. A | Page 14 of 44
TERMINOLOGY
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Noise Figure (NF)
The degradation in SNR performance (in dB) of an IF input
signal after it passes through a component or system.
The AD6650 noise figure is determined by the equation
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
001
.
0
log
10
001
.
0
log
10
2
kTB
SNR
Z
V
NF
FS
in
rms
(1)
where:
k is the Boltzmann constant = 1.38 × 10−23.
T is the temperature in kelvin.
B is the channel bandwidth in hertz (200 kHz typical).
V2rms is the full-scale input voltage.
Zin is the input impedance.
SNRFS is the computed signal-to-noise ratio referred to full scale
with a small input signal and the AD6650 in maximum gain.
Input Second-Order Intercept (IIP2)
A figure of merit used to determine a component’s or system’s
susceptibility to intermodulation distortion (IMD) from its
second-order nonlinearities. Two unmodulated carriers at a
specified frequency relationship (f1 and f2) are injected into a
nonlinear system exhibiting second-order nonlinearities
producing IMD components at f1 − f2 and f2 − f1. IIP2
graphically represents the extrapolated intersection of the
carrier’s input power with the second-order IMD component
when plotted in decibels.
Input Third-Order Intercept (IIP3)
A figure of merit used to determine a component’s or system’s
susceptibility to intermodulation distortion (IMD) from its
third-order nonlinearities. Two unmodulated carriers at a
specified frequency relationship (f1 and f2) are injected into a
nonlinear system exhibiting third-order nonlinearities
producing IMD components at (2 × f1) – f2 and (2 × f2) – f1.
IIP3 graphically represents the extrapolated intersection of the
carrier’s input power with the third-order IMD component
when plotted in decibels.
Image
The AD6650 incorporates a quadrature demodulator that mixes
the IF frequency to a baseband frequency. The phase and amplitude
imbalance of this quadrature demodulator is observed in a complex
FFT as an image of the fundamental frequency. The term image
arises from the mirror-like symmetry of signal and image
frequencies about the beating-oscillator frequency (in this
case, this is dc).
Differential Analog Input Resistance, Differential Analog
Input Capacitance, and Differential Analog Input Impedance
The real and complex impedances measured at each analog
input port. The resistance is measured statically, and the
capacitance and differential input impedances are measured
with a network analyzer.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage that must be applied to
the converter to generate a full-scale response. Peak differential
voltage is computed by observing the voltage on a single pin
and subtracting the voltage from the other pin, which is 180°
out of phase. The peak-to-peak differential voltage is computed
by rotating the phases of the inputs 180° and taking the peak
measurement again. Then the difference is computed between
both peak measurements.
Full-Scale Input Power
Expressed in dBm. It is computed using the following equation:
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
=
001
.
0
log
10
2
Input
scale
Full
scale
Full
Z
V
Power
rms
(2)
where ZInput is the input impedance.
Noise
The noise, including both thermal and quantization noise, for
any range within the ADC is computed as
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
×
×
=
10
10
001
.
0
dBFS
dBc
dBm
Signal
SNR
FS
noise
Z
V
(3)
where:
Z is the input impedance.
FSdBm is the full scale of the device for the frequency in question.
SNRdBc is the value for the particular input level.
SignaldBFS is the signal level within the ADC reported in decibels
below full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com