Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864-EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9864-EBZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9864-EBZ Datasheet HTML 35Page - Analog Devices AD9864-EBZ Datasheet HTML 36Page - Analog Devices AD9864-EBZ Datasheet HTML 37Page - Analog Devices AD9864-EBZ Datasheet HTML 38Page - Analog Devices AD9864-EBZ Datasheet HTML 39Page - Analog Devices AD9864-EBZ Datasheet HTML 40Page - Analog Devices AD9864-EBZ Datasheet HTML 41Page - Analog Devices AD9864-EBZ Datasheet HTML 42Page - Analog Devices AD9864-EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 38 of 47
undergoes noise shaping just prior to 16-bit truncation, thus
reducing the in-band quantization noise by 5 dB (with 2×
oversampling). Therefore, 98.8 dBFS SNR performance is still
achievable with 16-bit data in a 10 kHz BW.
15
8
14
13
12
11
10
9
SNR = 98.8dBFS
BW = 50kHz
BW = 150kHz
SNR = 83dBFS
SNR = 94.1dBFS
BW = 10kHz
SNR = 89.9dBFS
16
17
3
6
0
9
12
VGA ATTENUATION (dB)
Figure 67. Nominal System Noise Figure and Peak SNR vs. AGCG Setting
(fIF = 73.35 MHz, fCLK = 18 MSPS, and 16-bit I/Q Data)
APPLICATIONS CONSIDERATIONS
Frequency Planning
The LO frequency (and/or ADC clock frequency) must be
chosen carefully to prevent known internally generated spurs
from mixing down along with the desired signal and thus
degrading the SNR performance. The major sources of spurs in
the AD9864 are the ADC clock and digital circuitry operating
at 1/3 of fCLK. Therefore, the clock frequency (fCLK) is the most
important variable in determining which LO (and therefore IF)
frequencies are viable.
Many applications have frequency plans that take advantage of
industry-standard IF frequencies due to the large selection of
low cost crystal or SAW filters. If the selected IF frequency and
ADC clock rate result in a problematic spurious component,
select an alternative ADC clock rate by slightly modifying the
decimation factor and CLK synthesizer settings (if used) so that
the output sample rate remains the same. Also, applications
requiring a certain degree of tuning range must take into
consideration the location and magnitude of these spurs when
determining the tuning range as well as optimum IF and ADC
clock frequency.
Figure 69 plots the measured in-band noise power as a function
of the LO frequency for fCLK = 18 MHz and an output signal
bandwidth of 150 kHz when no signal is present. Any LO
frequency resulting in large spurs must be avoided. As this
figure shows, large spurs result when the LO is fCLK/8 = 2.25 MHz
away from a harmonic of 18 MHz , that is, n fCLK ± fCLK/8. Also
problematic are LO frequencies whose odd order harmonics (that
is, m × fLO) mix with harmonics of fCLK to fCLK/8. This spur
mechanism is a result of the mixer being internally driven by a
squared-up version of the LO input consisting of the LO frequency
and its odd order harmonics. These spur frequencies can be
calculated from the relation
m × fLO = (n ± 1/8) × fCLK
(12)
where:
m = 1, 3, 5...
n = 1, 2, 3...
A second source of spurs is a large block of digital circuitry that
is clocked at fCLK/3. Problematic LO frequencies associated with
this spur source are given by
fLO = fCLK/3 + n × fCLK ± fCLK/8
(13)
where n = 1, 2, 3...
Figure 70 shows that omitting the LO frequencies given by
Equation 12 for m = 1, 3, and 5, and by Equation 13 accounts
for most of the spurs. Some of the remaining low level spurs can
be attributed to coupling from the SSI digital output. Therefore,
users are also advised to optimize the output bit rate (fCLKOUT via
the SSIORD register) and the digital output driver strength to
achieve the lowest spurious and noise figure performance for a
particular LO frequency and fCLK setting. This is especially the
case for particularly narrow-band channels where low level
spurs can degrade the sensitivity performance of the AD9864.
Despite the many spurs, sweet spots in the LO frequency are
generally wide enough to accommodate the maximum signal
bandwidth of the AD9864. As evidence of this property,
Figure 68 shows that the in-band noise is quite constant for LO
frequencies ranging from 70 MHz to 71 MHz.
70.5
70.0
–50
–70
–60
–90
–80
71.0
LO FREQUENCY (MHz)
Figure 68. Expanded View from 70 MHz to 71 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com