Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 13Page - Analog Devices AD9874EB Datasheet HTML 14Page - Analog Devices AD9874EB Datasheet HTML 15Page - Analog Devices AD9874EB Datasheet HTML 16Page - Analog Devices AD9874EB Datasheet HTML 17Page - Analog Devices AD9874EB Datasheet HTML 18Page - Analog Devices AD9874EB Datasheet HTML 19Page - Analog Devices AD9874EB Datasheet HTML 20Page - Analog Devices AD9874EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
REV. A
AD9874
–16–
SYNCHRONOUS SERIAL INTERFACE (SSI)
The AD9874 provides a high degree of programmability of its
SSI output data format, control signals, and timing parameters
to accommodate various digital interfaces. In a 3-wire digital
interface, the AD9874 provides a frame sync signal (FS), a
clock output (CLKOUT), and a serial data stream (DOUTA)
signal to the host device. In a 2-wire interface, the frame sync
information is embedded into the data stream, thus only
CLKOUT and DOUTA output signals are provided to the
host device. The SSI control registers are SSICRA, SSICRB,
and SSIORD. Table III shows the different bit fields associated
with these registers.
The primary output of the AD9874 is the converted I and Q
demodulated signal available from the SSI port as a serial bit
stream contained within a frame. The output frame rate is equal
to the modulator clock frequency (fCLK) divided by the digital
filter’s decimation factor that is programmed in the Decimator
Register (0x07). The bit stream consists of an I word followed
by a Q word, where each word is either 24 bits or 16 bits long
and is given MSB first in twos complement form. Two optional
bytes may also be included within the SSI frame following the
Qword. One byte contains the AGC attenuation and the other
byte contains both a count of modulator reset events and an
estimate of the received signal amplitude (relative to full scale
of the AD9874’s ADC). Figure 2 illustrates the structure of the
SSI data frames in a number of SSI modes.
16-Bit I AND Q, EAGC = 0, AAGC = X:32 DATA BITS
16-Bit I AND Q, EAGC = 1, AAGC = 0:48 DATA BITS
16-Bit I AND Q, EAGC = 1, AAGC = 1:40 DATA BITS
I (15:0)
Q (15:0)
I (15:0)
Q (15:0)
ATTN (7:0)
I (15:0)
Q (15:0)
0
I (15:0)
Q (15:0)
1
RESET COUNT
I (24:0)
Q (24:0)
24-Bit I AND Q, EAGC = 0, AAGC = X: 48 DATA BITS
ATTN (7:1)
SSI(5:1)
SSI(5:0)
I (24:0)
Q (24:0)
SSI(5:0)
RESET COUNT
ATTN (7:0)
24-Bit I AND Q, EAGC = 1, AAGC = 0:64 DATA BITS
Figure 2. SSI Frame Structure
The two optional bytes are output if the EAGC bit of SSICRA
is set. The first byte contains the 8-bit attenuation setting (0 =
no attenuation, 255 = 24 dB of attenuation), while the second
byte contains a 2-bit reset field and 6-bit received signal
strength field. The reset field contains the number of modula-
tor reset events since the last report, saturating at 3. The received
signal strength (RSSI) field is a linear estimate of the signal
strength at the output of the first decimation stage; 60 corre-
sponds to a full-scale signal.
The two optional bytes follow the I and Q data as a 16-bit
word provided that the AAGC bit of SSICRA is not set. If
the AAGC bit is set, the two bytes follow the I and Q data in
an alternating fashion. In this alternate AGC data mode, the
LSB of the byte containing the AGC attenuation is a 0, while
the LSB of the byte containing reset and RSSI information is
always a 1.
In a 2-wire interface, the embedded frame sync bit (EFS) within
the SSICRA register is set to 1. In this mode, the framing infor-
mation is embedded in the data stream, with each eight bits of
data surrounded by a start bit (low) and a stop bit (high), and
each frame ends with at least 10 high bits. FS remains either
low or three-stated (default), depending on the state of the
SFST bit. Other control bits can be used to invert the frame
sync (SFSI), to delay the frame sync pulse by one clock
period (SLFS), to invert the clock (SCKI), or to three-state the
clock (SCKT). Note that if EFS is set, SLFS is a don’t care.
Table III. SSI Control Registers
Name Width Default
Description
SSICRA (ADDR = 0x18)
AAGC
EAGC
EFS
SFST
SFSI
SLFS
SCKT
SCKI
1
Alternate AGC Data Bytes.
Embed AGC data.
Embed frame sync.
Three-state frame sync.
Invert frame sync.
Late Frame Sync (1 = Late, 0 = Early).
Three-state CLKOUT.
Invert CLKOUT.
1
1
1
1
1
1
1
SSICRB (ADDR = 0x19)
DS
3
FS, CLKOUT, and DOUT Drive
Strength.
7
DW
1
Output Bit Rate Divisor
fCLKOUT = fCLK/SSIORD.
0
1
1
0
0
0
0
0
0
SSIORD (ADDR = 0x1A)
I/Q Data-WordWidth (0 = 16 bit, 1 bit–24 bit).
Automatically 16-bit when the AGCV = 1.
4
1
DIV
4_SPI
0
Enable 4-Wire SPI Interface for SPI Read
operation via DOUTB.
1
The SSIORD register controls the output bit rate (fCLKOUT) of
the serial bit stream. fCLKOUT can be set to equal the modulator
clock frequency (fCLK) or an integer fraction of it. It is equal to
fCLK divided by the contents of the SSIORD register. Note that
fCLKOUT should be chosen such that it does not introduce harm-
ful spurs within the pass band of the target signal. Users must
verify that the output bit rate is sufficient to accommodate the
required number of bits per frame for a selected word size
and decimation factor. Idle (high) bits are used to fill out
each frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com