Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPEU2000 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # BPEU2000
Description  AC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPEU2000 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  BPEU2000 Datasheet HTML 1Page - Bel Fuse Inc. BPEU2000 Datasheet HTML 2Page - Bel Fuse Inc. BPEU2000 Datasheet HTML 3Page - Bel Fuse Inc. BPEU2000 Datasheet HTML 4Page - Bel Fuse Inc. BPEU2000 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BPEU2000
© 2015 Bel Power Solutions, inc.
866.513.2839
tech.support@psbel.com
D-2000-ST02_001
PARAMETER
DESCRIPTION / CONDITION
Voltage
184 – 264 VAC Single-Phase
Frequency
47…63 Hz
Efficiency
> 90% @ full-load @ 230 VAC
Inrush Current
≤ 30 Apk @ 230 VAC
Power Factor
0,99 @ full-load @ 230 VAC
THD
≤ 5% @ Pout ≥ 1 kW
OUTPUT
VOLTAGE SETTING BY
TRIM (VDC)
VOLTAGE SETTING BY
EXT. 0 ÷ 5VDC (VDC)
Inom
(A)
Imax
(A)
TOLERANCE
%
RIPPLE
%
POWER (W)
V1
+40 to +50 *
+20 to +50 **
40
45
< 2
≤ 2
2000
V2
12
N/A
0.5
1
≤ 5
< 5
6
*
V1 adjustable manually by multi-turns trimmer set on board (see page 2 "+48 Vadj")
** See "VOLTAGE OUTPUT ADJUSTEMENT PROCEDURE" section at page 2
PARAMETER
DESCRIPTION / CONDITION
Over-load V1:
Constant current limiting (see curve)
Short-circuit V1:
hiccup mode (with auto recovery)
Over-voltage V1:
set point = 56V ± 5%, not automatic return to operation
Over-temperature:
automatic return to operation with hysteresis
General:
AC side thermal fuses (T)
PARAMETER
DESCRIPTION / CONDITION
Output V1 Current monitor IM
Linear analogic signal 100 mV
→ 1A (Internal impedance 3 kΩ)
Output V1 Voltage monitor VM
Linear analogic signal 1 / 10 Vout (Internal impedance 2 k
Ω)
High temperature alarm OTA
Open-Collector, max. sink 4 mA; alarm = low (on = 70°C; reset = 60°C tolerance ± 5%)
Over temperature alarm OTP
Open-Collector, max. sink 4 mA; alarm = low (on = 80°C; reset = 70°C tolerance ± 5%)
Under voltage input alarm PWR FAIL
Open-Collector, max. sink 4 mA; alarm = low (set point Vin < 180 VAC)
Output V1 Remote ENABLE
Connected to COM = power-on, not connected = power-off (minimum current sink 5 mA)
PARAMETER
DESCRIPTION / CONDITION
Operating Temperature:
-10 to +50°C @ full-load (forced air-cooling, see Thermal Protection)
Storage Temperature:
-20 to +85°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com