Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F960 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # F960
Description  Expanded Beam Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

F960 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  F960 Datasheet HTML 1Page - Bel Fuse Inc. F960 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+44 (0)1371 873 334
sales@fibreco.co.uk
cinch.com
F960 Expanded Beam Connector
Cinch Connectors reserves the right to change specifications without notice
Maxi Expanded Beam Connector - Outline Specification
Insertion Loss
Multimode 50/125 Fiber at 850nm / 1300nm : -1.5dB maximum
(typical –1.0dB)*
Durability
3000 Matings minimum
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +85°C
Water Immersion
5m
Free Fall Resistance
500 Falls from 1.2m height
Vibration
10-500Hz, 3 directions, 0.75mm amplitude@ 10g acceleration
Bump
4000 bumps @ 40g acceleration
Crush Resistance
6.7kN
Corrosion Resistance
500 Hours Salt Spray (Anodised aluminum shell)
Cable Retention
1500N (Cable Dependant)
Weight (approx)
Plug: 520g
Connector Shell Material / Color
Bulkhead: 430g
Aluminum, black anodised & Stainless Steel
Grip & boot: Black
*Measurements against reference—random mate performance in line with MIL83526
Plug Connector
Bulkhead Connector Jam-Nut Mount
Bulkhead Connector Flange Mount



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com