Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXB7843EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MXB7843EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MXB7843EEE Datasheet HTML 12Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 13Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 14Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 15Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 16Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 17Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 18Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 19Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
pointing device presses on the touch screen, the Y+
and Y- drivers are turned on, connecting one side of
the vertical resistive layer to VDD and the other side to
ground. In this case, the horizontal resistive layer func-
tions as a sense line. One side of this resistive layer
gets connected to the X+ input, while the other side is
left open or floating. The point where the touch screen
is pressed brings the two resistive layers in contact and
forms a voltage-divider at that point. The data converter
senses the voltage at the point of contact through the
X+ input and digitizes it. The horizontal layer resistance
does not introduce any error in the conversion because
no DC current is drawn.
The conversion process of the analog input voltage to
digital output is controlled through the serial interface
between the A/D converter and the µP. The processor
controls the MXB7843 configuration through a control
byte (Tables 3 and 4). Once the processor instructs the
MXB7843 to initiate a conversion, the MXB7843 biases
the touch screen through the internal switches at the
beginning of the acquisition period. The voltage transient
at the touch screen needs to settle down to a stable volt-
age before the acquisition period is over. After the acqui-
sition period is over, the A/D converter goes into a
conversion period with all internal switches turned off if
the device is in single-ended mode. If the device is in
differential mode, the internal switches remain on from
the start of the acquisition period to the end of the con-
version period.
Power-On Reset
When power is first applied, internal power-on circuitry
resets the MXB7843. Allow 10µs for the first conversion
after the power supplies stabilize. If CS is low, the first
logic 1 on DIN is interpreted as a start bit. Until a con-
version takes place, DOUT shifts out zeros.
Power Modes
Save power by placing the converter in one of two low-
current operating modes or in full power-down between
conversions. Select the power-down mode through
PD1 and PD0 of the control byte (Tables 3 and 4).
The software power-down modes take effect after the
conversion is completed. The serial interface remains
active while waiting for a new control byte to start a con-
version and switches to full-power mode. After complet-
ing its conversion, the MXB7843 enters the programmed
power mode until a new control byte is received.
The power-up wait before conversion period is depen-
dent on the power-down state. When exiting software
low-power modes, conversion can start immediately
when running at decreased clock rates. Upon power-
on reset, the MXB7843 is in power-down mode with
PD1 = 0 and PD0 = 0. When exiting software shutdown,
the MXB7843 is ready to perform a conversion in 10µs.
PD1 = 1, PD0 = 1
In this mode, the MXB7843 is always powered. The
device remains fully powered after the current conver-
sion completes.
PD1 = 0, PD0 = 0
In this mode, the MXB7843 powers down after the current
conversion completes or on the next rising edge of CS,
whichever occurs first. The next control byte received on
DIN powers up the MXB7843. At the start of a new con-
version, it instantly powers up. When each conversion is
finished, the part enters power-down mode, unless other-
wise indicated. The first conversion after the ADC returns
to full power is valid for differential conversions and sin-
gle-ended measurement conversions.
When operating at full speed and 16 clocks per conver-
sion, the difference in power consumption between
PD1 = 0, PD0 = 1, and PD1 = 0, PD0 = 0 is negligible.
Also, in the case where the conversion rate is
decreased by slowing the frequency of the DCLK input,
the power consumption between these two modes is
not very different. When the DCLK frequency is kept at
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
16
______________________________________________________________________________________
OUTPUT CODE
FS = (VREF+ - VREF-)
FS-3/2LSB
FULL-SCALE
TRANSITION
INPUT VOLTAGE (LSB) = [(V+IN) - (V-IN)]
12
3
FS
0
11…111
11…110
11…101
00…011
00…010
00…001
00…000
1LSB =
(VREF+ - VREF-)
4096
Figure 10. Ideal Input Voltages and Output Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com